Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 159 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 155Page - Texas Instruments AM3892 Datasheet HTML 156Page - Texas Instruments AM3892 Datasheet HTML 157Page - Texas Instruments AM3892 Datasheet HTML 158Page - Texas Instruments AM3892 Datasheet HTML 159Page - Texas Instruments AM3892 Datasheet HTML 160Page - Texas Instruments AM3892 Datasheet HTML 161Page - Texas Instruments AM3892 Datasheet HTML 162Page - Texas Instruments AM3892 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 299 page
background image
+
+
DDR2 Device
DDR2 Controller
VREF Bypass Capacitor
VREF Nominal Max Trace
width is 20 mils
Neck down to minimum in BGA escape
regions is acceptable. Narrowing to
accomodate via congestion for short
distances is also acceptable. Best
performance is obtained if the width
of VREF is maximized.
A1
A1
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-9. Signal Net Class Definitions
ASSOCIATED CLOCK
CLOCK NET CLASS
MPU PIN NAMES
NET CLASS
ADDR_CTRL
CK
DDR[x]_BA[2:0], DDR[x]_A[14:0], DDR[x]_CS[x], DDR[x]_CAS, DDR[x]_RAS,
DDR[x]_WE, DDR[x]_CKE
DQ0
DQS0
DDR[x]_D[7:0], DDR[x]_DQM[0]
DQ1
DQS1
DDR[x]_D[15:8], DDR[x]_DQM[1]
DQ2(1)
DQS2
DDR[x]_D[23:16], DDR[x]_DQM[2]
DQ3(1)
DQS3
DDR[x]_D[31:24], DDR[x]_DQM[3]
(1)
Only used on 32-bit wide DDR2 memory systems.
8.3.1.2.9 DDR2 Signal Termination
Signal terminators are required in CK and ADDR_CTRL net classes. Serial terminators may be used on
data lines to reduce EMI risk; however, serial terminations are the only type permitted. ODT's are
integrated on the data byte net classes. They should be enabled to ensure signal integrity.Table 8-10
shows the specifications for the series terminators.
Table 8-10. DDR2 Signal Terminations
No.
Parameter
Min
Typ
Max
Unit
1
CK net class(1)
0
10
Ω
2
ADDR_CTRL net class(1)(2)(3)
0
22
Zo
Ω
3
Data byte net classes (DQS0-DQS3, DQ0-DQ3)(1)(2)(3)(4)
0
22
Zo
Ω
(1)
Only series termination is permitted, parallel or SST specifically disallowed on board.
(2)
Terminator values larger than typical only recommended to address EMI issues.
(3)
Termination value should be uniform across net class.
(4)
Only required for GMI reduction.
8.3.1.2.10 VREFSSTL_DDR Routing
VREFSSTL_DDR is used as a reference by the input buffers of the DDR2 memories as well as the MPU.
VREF is intended to be half the DDR2 power supply voltage and should be created using a resistive
divider as shown in Figure 8-6. Other methods of creating VREF are not recommended. Figure 8-9 shows
the layout guidelines for VREF.
Figure 8-9. VREF Routing and Topology
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
159
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com