Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 162Page - Texas Instruments AM3892 Datasheet HTML 163Page - Texas Instruments AM3892 Datasheet HTML 164Page - Texas Instruments AM3892 Datasheet HTML 165Page - Texas Instruments AM3892 Datasheet HTML 166Page - Texas Instruments AM3892 Datasheet HTML 167Page - Texas Instruments AM3892 Datasheet HTML 168Page - Texas Instruments AM3892 Datasheet HTML 169Page - Texas Instruments AM3892 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 299 page
background image
DDR3
Controller
Y
X1
X2
X2
X2
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 8-18. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing/plane layers
4
6
2
Signal routing layers
2
3
Full ground reference layers under DDR3 routing region(1)
1
4
Full 1.5-V power reference layers under the DDR3 routing region(1)
1
5
Number of reference plane cuts allowed within DDR routing region(2)
0
6
Number of layers between DDR3 routing layer and reference plane(3)
0
7
PCB routing feature size
4
Mils
8
PCB trace width, w
4
Mils
9
PCB BGA escape via pad size(4)
18
20
Mils
10
PCB BGA escape via hole size
10
Mils
11
MPU BGA pad size
0.3
mm
12
DDR3 device BGA pad size(5)
13
Single-ended impedance, Zo
50
75
Ω
14
Impedance control(6)
Z-5
Z
Z+5
Ω
(1)
Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(2)
No traces should cross reference plane cuts within the DDR routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3)
Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4)
An 18-mil pad assumes Via Channel is the most economical BGA escape. A 20-mil pad may be used if additional layers are available
for power routing. An 18-mil pad is required for minimum layer count escape.
(5)
For the DDR3 device BGA pad size, see the DDR3 device manufacturer documentation.
(6)
Z is the nominal singled-ended impedance selected for the PCB specified by item 13.
8.3.2.6
Placement
Figure 8-15 shows the required placement for the MPU as well as the DDR3 devices. The dimensions for
this figure are defined in Table 8-19. The placement does not restrict the side of the PCB on which the
devices are mounted. The ultimate purpose of the placement is to limit the maximum trace lengths and
allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR3 device(s) are
omitted from the placement.
Figure 8-15. Placement Specifications
166
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com