Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 165Page - Texas Instruments AM3892 Datasheet HTML 166Page - Texas Instruments AM3892 Datasheet HTML 167Page - Texas Instruments AM3892 Datasheet HTML 168Page - Texas Instruments AM3892 Datasheet HTML 169Page - Texas Instruments AM3892 Datasheet HTML 170Page - Texas Instruments AM3892 Datasheet HTML 171Page - Texas Instruments AM3892 Datasheet HTML 172Page - Texas Instruments AM3892 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.3.2.10 Net Classes
Table 8-22 lists the clock net classes for the DDR3 interface. Table 8-23 lists the signal net classes, and
associated clock net classes, for signals in the DDR3 interface. These net classes are used for the
termination and routing rules that follow.
Table 8-22. Clock Net Class Definitions
CLOCK NET CLASS
MPU PIN NAMES
CK
DDR[x]_CLK[x]/DDR[x]_CLK[x]
DQS0
DDR[x]_DQS[0]/DDR[x]_DQS[0]
DQS1
DDR[x]_DQS[1]/DDR[x]_DQS[1]
DQS2(1)
DDR[x]_DQS[2]/DDR[x]_DQS[2]
DQS3(1)
DDR[x]_DQS[3]/DDR[x]_DQS[3]
(1)
Only used on 32-bit wide DDR3 memory systems.
Table 8-23. Signal Net Class Definitions
ASSOCIATED CLOCK
CLOCK NET CLASS
MPU PIN NAMES
NET CLASS
ADDR_CTRL
CK
DDR[x]_BA[2:0], DDR[x]_A[14:0], DDR[x]_CS[x], DDR[x]_CAS, DDR[x]_RAS,
DDR[x]_WE, DDR[x]_CKE
DQ0
DQS0
DDR[x]_D[7:0], DDR[x]_DQM[0]
DQ1
DQS1
DDR[x]_D[15:8], DDR[x]_DQM[1]
DQ2(1)
DQS2
DDR[x]_D[23:16], DDR[x]_DQM[2]
DQ3(1)
DQS3
DDR[x]_D[31:24], DDR[x]_DQM[3]
(1)
Only used on 32-bit wide DDR3 memory systems.
8.3.2.11 DDR3 Signal Termination
Signal terminators are required for the CK and ADDR_CTRL net classes. The data lines are terminated by
ODT and, thus, the PCB traces should be unterminated. Detailed termination specifications are covered in
the routing rules in the following sections.
8.3.2.12 VREFSSTL_DDR Routing
VREFSSTL_DDR (VREF) is used as a reference by the input buffers of the DDR3 memories as well as
the MPU. VREF is intended to be half the DDR3 power supply voltage and is typically generated with the
DDR3 1.5-V and VTT power supply. It should be routed as a nominal 20-mil wide trace with 0.1 µF bypass
capacitors near each device connection. Narrowing of VREF is allowed to accommodate routing
congestion.
8.3.2.13 VTT
Like VREF, the nominal value of the VTT supply is half the DDR3 supply voltage. Unlike VREF, VTT is
expected to source and sink current, specifically the termination current for the ADDR_CTRL net class
Thevinen terminators. VTT is needed at the end of the address bus and it should be routed as a power
sub-plane. VTT should be bypassed near the terminator resistors.
8.3.2.14 CK and ADDR_CTRL Topologies and Routing Definition
The CK and ADDR_CTRL net classes are routed similarly and are length matched to minimize skew
between them. CK is a bit more complicated because it runs at a higher transition rate and is differiential.
The following subsections show the topology and routing for various DDR3 configurations for CK and
ADDR_CTRL. The figures in the following subsections define the terms for the routing specification
detailed in Table 8-24.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
169
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com