Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 166Page - Texas Instruments AM3892 Datasheet HTML 167Page - Texas Instruments AM3892 Datasheet HTML 168Page - Texas Instruments AM3892 Datasheet HTML 169Page - Texas Instruments AM3892 Datasheet HTML 170Page - Texas Instruments AM3892 Datasheet HTML 171Page - Texas Instruments AM3892 Datasheet HTML 172Page - Texas Instruments AM3892 Datasheet HTML 173Page - Texas Instruments AM3892 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 299 page
background image
A1
A2
MPU
Differential Clock
Output Buffer
DDR Differential CK Input Buffers
Routed as Differential Pair
A3
A4
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
A4
A3
AT
Rcp
Cac
DDR_1V5
0.1 µF
+
–
+ –
+ –
+ –
+ –
A1
A2
MPU
Address/Control
Output Buffer
DDR Address/Control Input Buffers
A3
A4
A3
AT
Vtt
Address/Control
Terminator
Rtt
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
8.3.2.14.1 Four DDR3 Devices
Four DDR3 devices are supported on the DDR EMIF consisting of four x8 DDR3 devices arranged as one
bank (CS). These four devices may be mounted on a single side of the PCB, or may be mirrored in two
pairs to save board space at a cost of increased routing complexity and parts on the backside of the PCB.
8.3.2.14.1.1 CK and ADDR_CTRL Topologies, Four DDR3 Devices
Figure 8-17 shows the topology of the CK net classes and Figure 8-18 shows the topology for the
corresponding ADDR_CTRL net classes.
Figure 8-17. CK Topology for Four x8 DDR3 Devices
Figure 8-18. ADDR_CTRL Topology for Four x8 DDR3 Devices
8.3.2.14.1.2 CK and ADDR_CTRL Routing, Four DDR3 Devices
Figure 8-19 shows the CK routing for four DDR3 devices placed on the same side of the PCB. Figure 8-20
shows the corresponding ADDR_CTRL routing.
170
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com