Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 23Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 24Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 25Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
900844
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
VSDIO ELECTRICAL CHARACTERISTICS
Transient Load Speed of Change
ISDIO/t
-
-
0.01
A/µs
Soft Start Time (Enable to output voltage ramp up from 0 to 1.8 V)
tSSSDIO
-
-
100
µs
Turn Off Time (OFF to output voltage ramp down to 0 V)
tSDIOOFF
-
-
5.0
ms
POWER SWITCHES ELECTRICAL CHARACTERISTICS
Ramp Up Time
-
-
50
µs
ADC ELECTRICAL CHARACTERISTICS
Conversion Time Per Channel
-
-
10
μs
Turn on/off Time
-
-
31
μs
Table 4. Dynamic Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com