Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 25Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
900844
FUNCTIONAL DESCRIPTION
GENERAL DESCRIPTION
FUNCTIONAL BLOCK DIAGRAM
Figure 5. 900844 Functional Block Diagram
The component list for those items listed in this schematic can be found in the External Components BOM (23).
General
Purpose
ADC
Inputs
Touch
Screen
Interface
GNDADC
10 Bit
ADC
Thermal
Protection
Power Path Manager
SC900844
TSREF
Touch
Screen
Interface
SPI Control
VPWR
Li-Cell
Switch
From Button
Switchers
RTC
Calibration
PLL
SPIVCC
SPICLK
GNDSPI
MISO
MOSI
Shift Register
Control
ADIN21
MUX
GPO Control
GPIO Control
……
ADIN20
ADIN19
ADIN18
ADIN17
ADIN16
ADIN15
ADIN14
ADIN13
ADIN12
ADIN11
ADIN10
Voltage / Current
Sensing /& Translation
SPICSB
SPI
Interface
SPI Registers
Shift Register
Shift Register
A / D
Control
Trigger
Handling
CADREF
RXINR
GNDAUD1
GNDAUD2
GNDAUD3
GNDAUD4
32.768KHz
Internal
OSC
32.768KHz
Crystal
OSC
GNDRTC
XTALRTC
XTAL1
XTAL2
CLK32K
GNDCTRL
ICTEST
VIDEN0
VIDEN1
VID0
VID1
VID2
VID3
VID4
VID5
VID6
PWRGD
RESETB
VRCOMP
PMICINT
EXITSTBY
THERMTRIPB
PWRBTN
Enables & Control
Timers
Li-Cell
Charger
Power
Fail
Detect
CO15
L15
CIN15
PVINDDQ
PGNDDDQ
FBDDQ
SWDDQ
CODDQ
LDDQ
CINDDQ
MNN
V15
PVINCC
VOUTFBCC
HSCCGT
LSCCGT
SWFBCC
VPWR
CINCC
COCC
LCC
MLSCC
MHSCC
VCC
CSPCC
PGNDCC
VID[6:0]
VIDEN[1:0]
REFGNDSW
GNDREFVCC
CLDOREFP8
CLDOREFP9
Optional
Components
CCORE
CCOREREF
CCOREDIG
RNTC
GNDBAT
CCOIN
Startup
Sequencer
Trim
V3A
Reference
Generation
VCC
3600mA
Buck
VID
Controller
Output
Driver
VNN
1600mA
Buck
Output
Driver
PVINNN
VOUTFBNN
HSNNGT
LSNNGT
SWFBNN
VPWR
CINNN
CONN
LNN
VNN
CSPNN
PGNDNN
VDDQ
1500mA
Buck
Output
Driver
VPWR
VDDQ
V21
1000mA
Buck
PVIN21
PGND21
FB21
SW21
CO21
L21
CIN21
Output
Driver
VPWR
V21
V15
1500mA
Buck
Output
Driver
PVIN15
PGND15
FB15
SW15
VPWR
RNTCEV
900844
VPWR
V3A
Output pin
Input pin
Bi-directional pin
Package Pin Legend
SC900844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com