Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 38Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 39Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 40Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 41Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 42Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 43Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 44Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 45Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
Analog Integrated Circuit Device Data
42
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
SYSTEM CONTROL INTERFACE
TEST MODES
Test Mode Configuration
During evaluation and testing, the IC can be configured for normal operation or test mode via the ICTEST pin and other register
configurations. Details of Test mode programmability are not documented herein, but should be referenced from other Design
for Test documentation.
Test modes are for Freescale use only, and must not be accessed in applications. In test modes, signals are multiplexed on
existing functional pins. The ICTEST pin must therefore be tied to ground (for normal operation) at the board level, in product
applications
Test mode also disables the thermal protection for high temperature op life testing. A proprietary protocol is included for scan
chain test configurations, which reuses the SPI pins.
In-package Trimming
During IC final test, several parameters are trimmed in the package, such as the main bandgap, and other precision analog
functions. Trim registers are for Freescale use only and must not be accessed in product applications. Fuse programming
circuitry will be blocked during normal and test mode operation.
Table 17. PLL Control Register Structure and Bit Description
Name
Bits
Description
FSLPLLCNTL (ADDR 0x1E4 - R/W - Default Value: 0x1B)
PLLDIVIDE
2:0
PLL Divide Ratio and Effective VCO Frequency Settings
x0 = 112, 3.670 MHz
x1 = 116, 3.801 MHz
x2 = 120, 3.932 MHz
x3 = 124, 4.063 MHz
x4 = 128, 4.194 MHz
x5 = 132, 4.325 MHz
x6 = 136, 4.456 MHz
x7 = 140, 4.588 MHz
PLL16MEN
3
16 MHz frequency enable
x0 = 16 MHz clock disabled
x1 = 16 MHz clock enabled and PLL enabled
PLLEN
4
PLL Enable, even if there is no block requesting a clock
x0 = PLL enabled based on device enables only
x1 = PLL enabled
Reserved
7:5
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com