Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 49Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 50Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 51Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 52Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 53Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 54Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 55Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 56Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
900844
FUNCTIONAL DEVICE OPERATION
POWER STATES AND CONTROL
No Power State
In this state, every source of power has been removed or is fully depleted:
•VBAT < VBATOFF: The input voltage is under the cutoff threshold, indicating that the main supply has been removed, or has
been isolated by its own protection circuitry, and
•VCOIN < VCOINOFF: The coin cell backup battery has been removed or has been isolated by the 900844 coin cell discharge
prevention circuitry (see Coin Cell Battery Backup/Charger)
The 900844 has lost any source of power to maintain the RTC and its keep alive registers, and all the internal circuits power
down and time of day cannot be kept.
RTC State
In this state, the 900844 has limited power. The VBOS is available and powers the RTC and the Keep Alive Registers.
However, the system does not have enough power to enter the active state:
•VCOIN > COINOFF: The backup battery is above the coin cell disconnect threshold.
•VPWR < VPWRUVF: The system voltage is less than the under-voltage falling threshold.
During this mode, all voltage regulators are off and cannot be powered. The RTC is operating (Real Time Clock (RTC)), and
the time of day and all keep alive registers are maintained.
Active State
In this state, the 900844 internal circuits are fully powered:
•VPWR > VPWRUVR: The system voltage, VPWR, is available and valid, and
•VBAT > VLOWBAT: The main input voltage is above a low battery condition.
All features of the 900844 are either operating or can be enabled, which is under the control of the System Control Unit (SCU)
within the Platform Controller Hub (PCH).
Power State Transitions
When power is applied to the 900844 for the first time, it goes from the No Power state into the Active state, with a brief
transition through the RTC state. The RTC and the Keep Alive Registers are powered, and the time of day is initialized to a factory
set value (See Real Time Clock (RTC)).
When VPWR crosses the under-voltage rising detection threshold (VPWRUVR), the internal supplies power on, the logic is
reset, the initial power sequence is performed, SPI communication is enabled, and an interrupt to the Platform Controller Hub is
generated. The PMIC enters the Active state and the system is under control of the SCU.
If VPWR crosses the under-voltage falling detection threshold (VPWRUVF), and at least one of the VBOS supplies (VCOIN or
VBAT) is still valid, the 900844 enters the RTC state. Only the RTC is operating and the RTC and Keep Alive registers are
maintained.
If the 900844 is in the RTC state, full operation is obtained when the voltage at VPWR crosses again the under-voltage rising
detection threshold (VPWRUVR).
TURN ON EVENTS
A turn on event occurs when a valid input voltage is present at VBAT (VBAT > VLOWBAT), and the system voltage goes above
the under-voltage rising threshold (VPWR > VPWRUVR). Otherwise, the 900844 is in the RTC or No Power State.
When a turn on event occurs, the BATDET interrupt bit is set. Reference Interrupt Controller for more information on the
different system interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com