Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
900844
INTERNAL BLOCK DIAGRAM
VOUTIMG28
MDPWR
-
3.6 V
1
AG15
VIMG28 output voltage node
VPNL33 - 3.3 V/100 mA Switch
PVIN3P3
MDPWR
-
3.6 V
1
AJ9
Power supply input, shared by VPNL33 and VSDIO
VOUTPNL33
LOPWR
-
3.6 V
1
AG9
VPNL33 output voltage node
VSDIO - 3.3 V/215 mA Switch OR 1.8 V/215 mA LDO
SDIOGT
LOPWR
-
3.6 V
1
AB12
Gate driver output for VSDIO pass FET
FBSDIO
SGNL
-
3.6 V
1
AC13
Feedback node when VSDIO is in Switch mode; Output
voltage node when VSDIO is in LDO mode.
Internal Supplies
VCORE
LOPWR
-
3.6 V
1
B14
Internal supply output voltage node
VCOREDIG
LOPWR
-
1.5 V
1
J13
Internal supply output voltage node
VCOREREF
LOPWR
-
3.6 V
1
C13
Internal band gap supply output voltage node
LDOREFP8
LOPWR
-
3.6 V
1
B6
Internal divided down band gap supply output voltage node
dedicated for LDOs
LDOREFP9
LOPWR
-
3.6 V
1
G13
Internal divided down band gap supply output voltage node
dedicated for LDOs
GNDCORE
LOPWRGND
-
-
1
H14
Ground for internal supplies
Input Power Path
VPWR
MDPWR
-
4.8 V
1
AB26
Input power node for PMIC
VBAT
LOPWR
-
4.8 V
1
AC27
Battery voltage sensing input
GNDBAT
LOPWRGND
-
-
1
AA21
Input supply ground
VNTC
LOPWR
-
3.6 V
1
AE29
Bias voltage for NTC resistor stack
NTC
SGNL
I
3.6 V
1
AC23
NTC connection node
ISNSBATP
SGNL
I
4.8 V
1
AD26
Connect to VBAT
ISNSBATN
SGNL
I
4.8 V
1
AF28
Connect to VBAT
PVINVIB
MDPWR
-
4.8 V
1
AG13
Always connect to VPWR
Coin Cell Charger
COINCELL
LOPWR
-
3.6 V
1
AC29
Coin cell supply input, coin cell charger output
ADC + TS I/F
ADIN10
SGNL
I
4.8 V
1
AH20
ADC generic input 1, used as touchscreen input X1, TSX1
ADIN11
SGNL
I
4.8 V
1
AB16
ADC generic input 2, used as touchscreen input X2, TSX2
ADIN12
SGNL
I
4.8 V
1
AJ19
ADC generic input 3, used as touchscreen input Y1, TSY1
ADIN13
SGNL
I
4.8 V
1
AA17
ADC generic input 4, used as touchscreen input Y2, TSY2
ADIN14
SGNL
I
4.8 V
1
AE17
ADC generic input 5
ADIN15
SGNL
I
4.8 V
1
AC17
ADC generic input 6
ADIN16
SGNL
I
4.8 V
1
AG17
ADC generic input 7
ADIN17
SGNL
I
4.8 V
1
AH18
ADC generic input 8
Table 1. 900844 Pin Description
Node Name
Type
I/O
Rating
# of
Balls
BGA Location
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com