Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  900844 Datasheet HTML 1Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
Document Number: SC900844
Rev. 2.0, 5/2011
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product. Specifications and information herein are subject
to change without notice. © Freescale Semiconductor, Inc., 2010-2011. All rights reserved.
Integrated Power Management IC
for Ultra-mobile and Embedded
Applications
The 900844 is a high efficiency Power Management Integrated Circuit
(PMIC) capable of providing operating voltages for Ultra-mobile
platforms for Netbook, Tablets, and embedded devices through its 20
voltage rails. It has 5 switching power supplies running at frequencies
from 1.0 to 4.0 MHz,14 highly efficient LDOs, and one 3.3 V power
switch. It incorporates a 10-bit ADC, Real Time Clock, 8 GPIOs and 8
GPOs.
The 900844 is fully configurable and controllable through its SPI
interface. It provides an optimized power management solution for ultra-
mobile platforms used on netbooks, tablets, and slates.
Optimum partitioning, high feature integration, and state-of-the-art
technology, allow Freescale to effectively serve this growing market
segment.
Features
• Main system power management integrated in a single chip
• Fully programmable DC/DC switching, low drop-out regulators, and
load switches
• SPI interface (up to 25 MHz operation)
• 10-bit ADC for internal and external sensing with touch screen
interface
• Real time clock (RTC)
• 8 Interrupt capable GPIOs and 8 GPOs
• I/O interrupt and reset controller
Figure 1. 900844 Simplified Application Diagram
900844
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
SC900844JVK
-40 °C to 85 °C
338-MAPBGA
POWER MANAGEMENT
Applications
• Netbooks
• Tablet PC
•Slates
• Embedded Devices
11 mm x 11 mm
98ASA10841D
338-MAPBGA
Freescale PMIC
Ultra-mobile
900844
CORE PMIC
Core
I/O
GPIO / GPO
SPI Control
CPU (central
Platform
3.3 V
SMPS
SMPS
5.0 V
19 V ADP
Charger
3-4 Cell
Battery
Pack
PWR
SW
Display
EC
CAM
Backlight
SATA
USB
processing unit)
controller hub
ADC Inputs
ADC / Touch Screen Inputs
Platform
SMPS
1.8 V
Memory
Rails
Rail
Rails
Memory
System Control Interface
VR
VR
VPWR
Input Power Path
5 x DC/DC Converters
14 x LDOS
1 x 3.3 V Power Switch
5VA
3VA


Similar Part No. - 900844

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9008400000 WEIDMULLER-9008400000 Datasheet
774Kb / 12P
BVZ 7.62HP/10/180F SN BK BX
9008400000 WEIDMULLER-9008400000 Datasheet
498Kb / 6P
BVZ 7.62HP/08/180MSF5 SN BK BX SO
9008400000 WEIDMULLER-9008400000 Datasheet
524Kb / 9P
BVZ 7.62HP/10/180FC SN BK BX SO
9008480000 WEIDMULLER-9008480000 Datasheet
678Kb / 10P
BUZ 10.16IT/04/180MF4 AG BK BX LRP
9008480000 WEIDMULLER-9008480000 Datasheet
774Kb / 12P
BVZ 7.62HP/10/180F SN BK BX
More results

Similar Description - 900844

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
Power Management IC for Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
74Kb / 2P
Twelve Channel Integrated Power Management IC for Mobile Handsets
21-Nov-07
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
logo
SHENZHEN FUMAN ELECTRON...
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
FM5325E FUMAN-FM5325E Datasheet
739Kb / 15P
Mobile Power Management IC
FM9688 FUMAN-FM9688 Datasheet
526Kb / 9P
Mobile Power Management IC
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
logo
Shenzhen Huazhimei Semi...
HM5805 HMSEMI-HM5805 Datasheet
1,017Kb / 11P
Mobile Power Management IC
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com