Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 99Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 100Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 101Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 102Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 103Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 118 page
background image
Analog Integrated Circuit Device Data
100
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
GPIOS
GPIO STATUS/CONTROL REGISTERS AND BIT DESCRIPTION
GPIO module has a single 8-bit status and control register assigned to it. See Table 72 for details.
The “x” in the bit names in the tables is from 0 to 7 for the GPIOs.
Table 72. GPIO Register Structure and Bits Description
Name
Bits
Description
GPIOCNTLx (x = 0 to 7)
DRVx
0
GPIOx Output Driver Type
x0 = Open Drain
x1 = CMOS
DIRx
1
GPIOx Direction Configuration
x0 = Output (Type selected by Bit 0)
x1 = Input (Bit 0 is ignored)
DATAINx
2
The value in the DATA_IN bit reflects the electrical state of the GPIOx pin at the time the register read was initiated. When
Bit 1, DIRECTION, is 0 (Output Mode), the contents of this register are not required to be updated on reads and is assumed
to be invalid by the system controller. The PMIC should de-bounce the inputs over 1-10 ms to insure a clean transition.
X0 = Electrical Low (19)
x1 = Electrical High (19)
DATAOUTx
3
The value in the DATA_OUT bit reflects the desired electrical output state of the GPIOx pin. When Bit 1, DIRECTION, is 1
(Input Mode), the contents of this register may still be read or written, but will not be reflected until the GPIOx is reverted
to an output (Bit 1, DIRECTION, is 0)
x0 = Electrical Low (19)
x1 = Electrical High (CMOS) or High-impedance Output (Open-Drain) (19)
INTCTLx
5:4
These bits set the interrupt definition. The MASK (00) determines if the corresponding interrupt flag bit is set or not on an
interrupt. The other logic levels will set the corresponding interrupt flag bit in the register upon the specific edge detection
defined by the level. They will also set bit 4 of the 1st level INTERRUPT register, see section Interrupt Controller for more
details. (20)
x0 = Mask.
x1 = Negative Edge
x2 = Positive Edge
x3 = Both Edges
GPIDBNCx 7:6
These bits set the debounce time on the GPIOx when configured as inputs
x0 = No Debounce
x1 = 10 ms
x2 = 20 ms
x3 = 30 ms
GPIOINT (ADDR 0xE8 - R - Default Value: 0x00)
GPIINT0
0
GPIO0 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
GPIINT1
1
GPIO1 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
GPIINT2
2
GPIO2 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
GPIINT3
3
GPIO3 Interrupt Flag
x0 = No Interrupt occurred or Masked Interrupt
x1 = Interrupt occurred
Notes
19.
See GPIOs electrical characteristics on Table 3
20.
An unintended interrupt is caused if interrupt settings are reconfigured in the middle of an application, e.g. re-setting interrupt detection
from detecting an interrupt on both edges to an interrupt on the rising edge. In this case, to mask any unwanted interrupt, change the
GPIO interrupt detection to the new configuration, then clear Level 1 and level 2 interrupts, finally unmask the GPIO Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com