Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 33Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 34Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 35Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 36Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 37Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 38Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 39Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
SYSTEM CONTROL INTERFACE
Figure 11. General Exit Standby Diagram
Figure 12. Optimized Exit Standby Diagram
The power-on default AOACCTLVxx register setting for the VCCP, VCCPDDR, VCCA, and VCC180 rails, are to be turned on
by the assertion of the EXITSTBY signal. However, every regulator has an AOACCTLVxx register setting, and can be configured
to turn on, turn off, or have no change. The power-on default AOACCTLVxx register setting for all other regulators is set to no
change. Note that the VDDQ regulator has to be enabled in order for the VCCA regulator to turn on.
THERMTRIPB Pin
THERMTRIPB is an active low Thermal Trip input signal. It is asserted by the CPU to indicate a catastrophic thermal event.
On the falling edge of THERMTRIPB, the PMIC has 500 ms to sequence off all rails from the highest to lowest. The PMIC will
turn on automatically upon detecting a turn on event, at which point the cold boot flow should be followed as shown in Turn on
Events.
The PMIC provides a weak (50 -100 k
Ω) pull-up to VCCPAOAC. The PMIC only responds to a THERMTRIPB signal if the
VCCP regulator is on. The platform controller hub output driver is a nominal 55 Ω.
The THERMTRIPB pin follows the DC Signaling specifications in Table 3 with a reference of 1.05 V (VCCPAOAC).
VIDEN[1:0] & VID[6:0] Pins
Both VCC and VNN regulators are variable in the CPU and supply two different sub-systems. The CPU implements a VID
mechanism that minimizes the number of required pins. The VID for VNN and VCC are multiplexed on to the same set of pins,
and a separate 2-bit enable/ID is defined to specify to which sub-system the driven VID corresponds. One of the combinations
notifies that the VID is invalid. This is used when the CPU is in C6/Standby, to tri-state the VID pins to save power.
EXIT_STBY
SPI BUS
VR Stats
VR_COMP#
IDLE
Existing Mode
VR Reconfigure
New Mode
tVR_COMP
AOACCTLVxx
copied to TVxx
Status
EXIT_STBY
SPI BUS
VR Status
VR_COMP#
IDLE
Existing Mode
VR Reconfigure
New Mode
tVR_COMP
AOACCTLVxx
copied to CTLVxx
30
μsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com