Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
900844
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause malfunction or permanent
damage to the device. The detailed maximum voltage rating per pin can be found in the pin list section.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Input Voltage
-
-0.3 to +4.4
V
Coin Cell Voltage
-
-0.3 to +3.6
V
ESD Rating, All Pins, Human Body Model (HBM)(4)
VESDHBM
±2000
V
ESD Rating, All Pins, Charge Device Model (CDM) (4), (5)
VESDCDM
±450
V
THERMAL RATINGS
Ambient Operating Temperature Range
TA
-40 to +85
°C
Operating Junction Temperature Range
TJ
-30 to +125
°C
Storage Temperature Range
TST
-65 to +150
°C
Peak Package Reflow Temperature (2), (3)
TPPRT
260
°C
POWER RATINGS
Hard Mechanical Off
There is no Valid VBAT voltage connected to the 900844, BATDET = 0
0
mW
Soft Mechanical Off
The 900844 has input power from 3.3 V Supply into VBAT. All VRs are programmed
“OFF”, BATDET = 1
5.0
mW
Power On
The 900844 has input power from 3.3 V supply into VBAT. The cold-boot rails are “ON”.
V21 = 2.1 V, V15 = 1.5 V, VAON = 1.2 V, VCCPAOAC = 1.05 V, VPMIC = 1.8 V, All
VR outputs are set in PFM or APS mode driving purely capacitive loads. BATDET = 1
100
mW
Notes
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause a malfunction or permanent damage to the device.
3.
Freescale's Package Reflow capability meets the Pb-free requirements for JEDEC standard J-STD-020C, for Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL)
4.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500
Ω), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
5.
All pins meet 500 V CDM except VCOREREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com