Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
Analog Integrated Circuit Device Data
90
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
Some of the internal signals are first scaled to adapt the range to the input range of the ADC. Note that the 10 bit ADC core
will convert over the entire scaled version of the input channel, so always from a 2.40 V, full scale.
For some applications, an external resistor divider network may be used to scale down the voltage to be measured to the ADC
input range. The source resistance presented by this may be greater than the maximum specified Rs, see ADC Section on
Table 3. In that case, the readout value will be lower than expected due to the dynamic input impedance of the ADC converter.
This readout error presents itself as a gain error which can be compensated for by factory phasing. An alternative is to place a
100 nF bypass capacitor at the ADIN input concerned.
RESERVED CHANNELS POSSIBLE USAGE
Only 22 of the possible 32 ADC channels are currently associated with an specific function. The remaining channels are
currently designated as reserved channels for future needs. Table 58 is a proposed usage for some of these channels for
additional flexibility.
8
01000
Reserved
Reserved
Reserved
Reserved
9
01001
Battery Pack Thermistor
0 – 2.4 V
x1
0– 2.4 V
10
01010
General Purpose ADIN10
Touch screen X+
0-200 mV / 0-2.0 V
0 – 1.2
10x / 1x
x2
0 – 2.4 V
0 – 2.4 V
11
01011
General Purpose ADIN11
Touch screen X-
0-200 mV / 0-2.0 V
0 – 1.2
10x / 1x
x2
0 – 2.4 V
0 – 2.4 V
12
01100
General Purpose ADIN12
Touch screen Y+
0-200 mV / 0-2.0 V
0 – 1.2
10x / 1x
x2
0 – 2.4 V
0 – 2.4 V
13
01101
General Purpose ADIN13
Touch screen Y-
0-200 mV / 0-2.0 V
0 – 1.2
10x / 1x
x2
0 – 2.4 V
0 – 2.4 V
14
01110
General Purpose ADIN14
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
15
01111
General Purpose ADIN15
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
16
10000
General Purpose ADIN16
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
17
10001
General Purpose ADIN17
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
18
10010
General Purpose ADIN18
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
19
10011
General Purpose ADIN19
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
20
10100
General Purpose ADIN20
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
21
10101
General Purpose ADIN21
0-200 mV / 0-2.0 V
10x / 1x
0 – 2.4 V
22
10110
Reserved
Reserved
Reserved
Reserved
23
10111
Reserved
Reserved
Reserved
Reserved
24
11000
Reserved
Reserved
Reserved
Reserved
25
11001
Reserved
Reserved
Reserved
Reserved
26
11010
Reserved
Reserved
Reserved
Reserved
27
11011
Reserved
Reserved
Reserved
Reserved
28
11100
Reserved
Reserved
Reserved
Reserved
29
11101
Reserved
Reserved
Reserved
Reserved
30
11110
Reserved
Reserved
Reserved
Reserved
31
11111
Reserved
Reserved
Reserved
Reserved
Notes
18.
Equivalent to -3.0 to +3.0 A of current with a 20 mOhm sense resistor
Table 57. ADC Inputs
Channel
SELECT[4:0]
ADC Input Signal
Input Level
Scaling
Scaled Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com