Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 24Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 25Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 26Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
900844
FUNCTIONAL DESCRIPTION
GENERAL DESCRIPTION
FUNCTIONAL DESCRIPTION
GENERAL DESCRIPTION
The 900844 is a high efficiency Power Management Integrated Circuit (PMIC). It is optimized for Ultra-mobile platforms for
Netbook, Tablets, Slates, embedded devices, and other applications requiring “multi-cell” battery voltage.
The 900844 PMIC, is designed to provide CPU power requirements and control as an integral part of Freescale's power
management solution to meet the needs of Ultra-mobile platforms.
Optimum partitioning, high feature integration, and state of the art technology, enable Freescale to support Ultra-mobile
platforms that are cost effective, by reducing component count and board area. The Freescale solution also allows ease of
system design, resulting in a faster time to market development cycle.
It accepts input from a supply in the range of 3.0 to 4.4 V (for example, from a multi-cell battery scaled down to 3.3 V) to deliver
regulated power to various components (CPU, chip sets, wireless, memory, storage, display, sensors, and others) on Ultra-
mobile platforms.
Figure 4. Power Management Solution - High Level Block Diagram
FEATURE LIST
• Netbook, Tablets, and embedded devices, Ultra-mobile platform Architecture Support
• Fully Programmable DC/DC Switching, Low Drop-Out Regulators, and Load Switches
• Delivers regulated reliable power to various system components
• High efficiency multi mode power conversion ensuring extended battery life
• Fully programmable with extensive protection features and complete fault reporting for best in class overall system reliability
• Internal Compensation
• 5 Buck DC/DC Regulators
- 2x VID Controlled with 1.0 MHz switching and external switches for CPU and Graphics core support
- 3x with 4.0 MHz switching and integrated MOSFET for platform support and LDO supply for optimized thermal
performance and power efficiency.
• 14 Low Dropout (LDO) regulators.
• One configurable LDO/Switch regulator for SDIO card support
•A 3.3 V load switch for platform support
• Coin Cell Backup battery charger
• SPI communication interface (up to 25 MHz operation)
• 22 channel (32 capable) 10-bit ADC for internal and external sensing with touch screen interface
• Low power 32.786 kHz XTAL oscillator.
• Real Time Clock (RTC) to provide time reference and alarm functions with wake up control.
• Eight Interrupt capable GPIOs and 8 GPOs
• Various control and status reporting I/Os
• Interrupt and Reset controller. All interrupt signals can be masked.
• Overall solution size target of < 400 mm2 (including clearance and routing)
• Operating temperature of -40 to +85 °C
5 x DC/DC
multi-mode
SWITCHERS
2 x VID
4.0 MHz Switching
Core, I/O, MEM
14 x LDO
REGULATORS
+1 x Power Switch
Low Noise
High Performance
22 Channel 10 bit ADC
PMIC Temp Monitoring
4-Wire Resistive Touch Screen
Select Rails Current Monitoring
General Purpose Inputs
Freescale’s
PMIC Platform
Solution
Power
Control
Logic
State Machine
Control Interface
8 Interrupt Capable GPIOs
SPI Interface + Status and Control Inputs / Outputs
RTC 32.768 kHz
Xtal Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com