Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 58Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 59Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 60Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 61Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 62Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 63Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 64Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 65Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 118 page
background image
Analog Integrated Circuit Device Data
62
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
The output current is measured internally, digitized by the ADC, and stored in a register for the processor to access. The peak
current is sensed internally for over-current protection purposes. If an over-current condition is detected, the regulator will limit
the current through a cycle by cycle operation and alert the system through the VDDQFAULT signal, which will in turn assert the
VRFAULT Interrupt signal.
VDDQ is originally prepared to provide 1.8 V by connecting VDDQ output voltage directly to FBDDQ node, refer to Figure 27.
To provide flexibility, VDDQ can also be set to 1.5 V by adding a resistor divider from VDDQ output to the FBDDQ using VCORE
as voltage reference, refer to Figure 28. The following are the recommended resistor values for the feedback divider:
• RFBDDQ15_1 = 680
Ω
• RFBDDQ15_2 = 2.21 k
Ω
Figure 27. VDDQ Detailed Internal Block Diagram (VDDQ at 1.8 V)
Figure 28. VDDQ Detailed Internal Block Diagram (VDDQ at 1.5 V)
Main Features
• Uses the VPWR rail as its power supply
• It is used as a pre-regulator to many LDO rails, for enhanced efficiency and reduced thermal dissipation. It also supplies power
to rails in the CPU (central processing unit), Platform controller hub, and the platform
• Uses Integrated MOSFETs
•4.0 MHz switching frequency
• High efficiency operating modes depending on load conditions
• Output can be discharged through the low side switch.
• Peak current sensing with over-current protection
Driver
Controller
EA
VREF
Z1
Z2
Internal
Compensation
PVINDDQ
SWDDQ
FBDDQ
ISENSE5
VPWR
CODDQ
CINDDQ
LDDQ
SPI
Interface
PGNDDDQ
VDDQ
CTLVDDQ
AOACCTLVDDQ
VDDQFAULT
Driver
Controller
EA
VREF
Z1
Z2
Internal
Compensation
PVINDDQ
SWDDQ
FBDDQ
ISENSE5
VPWR
CODDQ
CINDDQ
LDDQ
SPI
Interface
PGNDDDQ
VDDQ
CTLVDDQ
AOACCTLVDDQ
VDDQFAULT
VCORE
RFBDDQ15_2
RFBDDQ15_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com