Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 62Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 63Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 64Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 65Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 66Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 67Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 68Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 69Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 118 page
background image
Analog Integrated Circuit Device Data
66
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
V21 Status/Control Registers and Bits Description
Reference the register map for read/write conditions and default state for each of these registers.
V15
This is a 4.0 MHz fully integrated 2-switch synchronous Buck PWM voltage-mode control DC/DC regulator.
The switcher can operate in different modes depending on the load conditions. These modes can be set through the SPI and
include a PFM mode, an Automatic Pulse Skipping mode, and a PWM mode. The above selection is optimized to maximum
battery life based on load conditions.
V15 will be discharged every time the regulator is shutting down.
The output current is measured internally, digitized by the ADC, and stored in a register for the processor to access.
The peak current is sensed internally for over-current protection purposes. If an over-current condition is detected, the
regulator will limit the current through cycle by cycle operation and alert the system through the V15FAULT signal, which will in
turn assert the VRFAULT Interrupt signal.
Figure 32. V15 Detailed Internal Block Diagram
Main Features
• Uses the VPWR rail as its power supply
• It is used as a pre-regulator to many LDO rails, for enhanced efficiency and reduced thermal dissipation. It also supplies power
to rails in the Platform controller hub
• Uses Integrated MOSFETs
Table 28. V21 Status/Control Registers Structure and Bits Description
Name
Bits
Description
V21CNT (ADDR 0x38 - R/W - Default value: 0x07)
CTLV21
2:0
V21 State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
AOACCTLV21 5:3
V21 State Control during AOAC Exit (when EXITSTBY pin is asserted). These bits will be initialized by the system SPI
controller after power up
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
Reserved
7:6
Reserved
Driver
Controller
EA
VREF
Z1
Z2
Internal
Compensation
PVIN 15
SW15
FB15
ISENSE5
VPWR
CO15
CIN 15
L15
SPI
Interface
PGND15
V15
CTLV15
AOACCTLV15
V15FAULT
SELV15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com