Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
Analog Integrated Circuit Device Data
88
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
INPUT POWER PATH REGISTERS AND BITS DESCRIPTION
ADC SUBSYSTEM
CONVERTER CORE
The ADC core is a 10 bit converter. The ADC core and logic run at an internally generated frequency of approximately
1.33 MHz. If an ADC conversion is requested while the PLL was not active, it will automatically be enabled by the ADC. A
32.768 kHz equivalent time base is derived from the 2.0 MHz clock to time ADC events. The ADC is supplied from VCORE. The
ADC core has an integrated auto calibration circuit which reduces the offset and gain errors.
MBATDET
5
Battery Detection Interrupt Signal Mask
x0 = Unmask
x1 = Mask
RSVD
7:6
Reserved
SCHRGINT (ADDR 0XD2 - R - DEFAULT VALUE: 0X00)
Reserved
0
Reserved
SBATOVP
1
Input voltage over-voltage Status
x0 = Input voltage is lower than the limit (< VCHGCV + VOVRVOLT)
x1 = Input voltage is higher than the limit (> VCHGCV + VOVRVOLT)
STEMP
2
Battery temperature Status
x0 = Battery temperature is within valid window
x1 = Battery temperature is out of valid window
RSVD
3
Reserved
RSVD
4
Reserved
SBATDET
5
Battery Present Status Signal
x0 = Battery not present (VBAT < VTRKL)
x1 = Battery present (VBAT > VTRKL)
RSVD
7:6
Reserved
Table 56. FSL Charger Control Register Structure and Bits Description
Name
Bits
Description
FSLCHRGCNTL (ADDR 0X1D1 - R/W - DEFAULT VALUE: 0X13)
RSVD
0
Reserved
COINCHEN
1
Coin cell Charger Enable/Disable
x0 = Disable
x1 = Enable (Default)
VCOIN
4:2
Coin cell Charger Output Voltage Setting
x0 = 2.5 V
x1 = 2.7 V
x2 = 2.8 V
x3 = 2.9 V
x4 = 3.0 V (Default)
x5 = 3.1 V
x6 = 3.2 V
x7 = 3.3 V
Reserved
7:5
Reserved
Table 55. Input Power Interrupt/Mask Registers Structure and Bits Description
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com