Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 46Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 47Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 48Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 49Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 50Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 51Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 52Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 53Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 118 page
background image
Analog Integrated Circuit Device Data
50
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER STATES AND CONTROL
POWER STATES AND CONTROL
OVERVIEW
There are three different power states in the operation of the 900844 PMIC:
1. No Power State: No input voltage is available at the
main supply or the coin cell battery input.
2. Active State: The PMIC has enough power to supply
the system.
3. RTC State: The PMIC has enough power to support
the RTC operation and the Keep Alive Registers, but
not enough to power the rest of the system.
The power state of the PMIC at any given time is determined by the conditions of the following inputs:
1. VPWR: This is the main supply to the system. It must
be externally connected to VBAT.
2. VBAT: This is the main supply voltage sensing input.
3. VCOINCELL: This is the backup input voltage, typically
from a rechargeable coin cell battery.
INTERNAL SUPPLIES POWER TREE
Figure 17 shows the 900844 internal power tree.
ADJ (ADDR 0x1F - R/W - Default Value: 0x00)
ADJ
0
RTC Trim Enable Signal
x0 = Do Not Trim
x1 = Trim
Reserved
7:1
Fixed to 0000000
TRIM (ADDR 0x20 - R/W - Default Value: 0x00)
TRIMVAL
5:0
6-Bit Trim Control
This is a number from 0 to 63 that represents the number of seconds to adjust out of every 64 seconds
SIGN
6
RTC Calibration Sign Bit
x0 = Add
x1 = Subtract
Reserved
7
Fixed to 0
CLKOUT (ADDR 0x21 - R/W - Default Value: 0x00)
M32KCLK
0
32 kHz clock output mask
x0 = 32 kHz clock output enabled
x1 = 32 kHz clock output masked (disabled)
Reserved
7:1
Fixed to 0000000
Table 20. RTC Control Registers Structure and Bit Description
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com