Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 27Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 33Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 34Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
900844
FUNCTIONAL DEVICE OPERATION
SYSTEM CONTROL INTERFACE
Figure 6. SPI Read from PMIC Diagram (One Address/Data Packet shown)
Figure 7. SPI Write to PMIC Diagram (One address/Data Packet Shown)
Figure 8. SPI Interface Timing Diagram (Processor Input capacitance is 3.0 pF)
INTERRUPT CONTROLLER
Control
The PMIC informs the system of important events using interrupts. Unmasked interrupt events are signaled to the host by
driving the PMICINT pin high.
Each interrupt is latched so that even if the interrupt source becomes inactive, the interrupt will remain set until cleared. If a
new interrupt occurs while the controller clears an existing interrupt bit, the interrupt line will remain high.
Each interrupt can be masked by setting the corresponding mask bit to a ‘1’. As a result, when a masked interrupt bit goes
high, the interrupt line will not go high. A masked interrupt can still be read from the register. If a masked interrupt bit was already
high, the interrupt line will go high after unmasking.
The following is the interrupt handling mechanism which has inherent latency that the clients must expect:
1. PMIC interrupts SCU, if both the 1st and 2nd level bits
are not masked.
2. SCU reads PMIC master, 1st level, interrupt event
register.
3. SCU then traverses all the branches of the interrupt
tree where events are indicated.
4. SCU will service events in leaf node registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com