Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 82Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 83Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
Analog Integrated Circuit Device Data
86
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
Power Supplies Fault Management Interrupt/Mask
Registers.
Table 52. FSLFAULT3 Fault Status Register Structure and
Bit Description
Name
Bits
Description
FSLFAULT3 (ADDR 0X1CE - R/W - DEFAULT VALUE: 0X00)
VYMXYFI18FA
ULT
0
VYMXYFI18 Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
RSVD
2:1
Reserved
VCCPAOACFA
ULT
3
VCCPAOAC Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VCCPDDRFAU
LT
4
VCCPDDR Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VAONFAULT
5
VAON Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VMMFAULT
6
VMM Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VCCPFAULT
7
VCCP Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
Table 53. FSLFAULT4 Fault Status Register Structure and
Bit Description
Name
Bits
Description
FSLFAULT4 (ADDR 0X1CF - R/W - DEFAULT VALUE: 0X00)
VIMG25FAULT
0
VIMG25 Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VIMG28FAULT
1
VIMG28 Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
RSVD
2
Reserved
VSDIOFAULT
3
VSDIO Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
Reserved
7:4
Reserved
Table 54. Fault Management Status and Control Register
Structure and Bits Description
Name
Bits
Description
VRFAULTINT (ADDR 0X30 - R - DEFAULT VALUE: 0X00)
THRM
0
PMIC Thermal Warning Flag
x0 = PMIC temperature below warning
threshold
x1 = PMIC temperature above warning
threshold
RSVD
1
Reserved
VRFAIL
2
Regulator fault present flag
x0 = No fault
x1 = Fault Exists
Reserved
7:3
Reserved
MVRFAULTINT (ADDR 0X31 - R/W - DEFAULT VALUE: 0X03)
MTHRM
0
PMIC Thermal Warning Flag Mask
x0 = Flag unmasked
x1 = Flag masked
RSVD
1
Reserved
VRFAIL
2
Regulator fault present flag Mask
x0 = Flag unmasked
x1 = Flag masked
Reserved
7:3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com