Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 99Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 118 page
background image
Analog Integrated Circuit Device Data
96
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
Table 68. ADC Control Registers Structure and Bits Description
Name
Bits
Description
ADCCNTL2 (ADDR 0x61 - R/W -Default Value: 0x00)
ADSLP
2:0
ADC sleep time before starting another cycle
x0 = Continuous Loop
x1 = 4.5 ms
x2 = 9.0 ms
x3 = 13.5 ms
x4 = 18 ms
x5 = 22.5 ms
x6 = 27 ms
x7 = No Loop
RSVD
4:3
Reserved
PENDETEN
5
Enable Touch Screen Pen Detect Bias
x0 = Disabled
x1 = Enabled
ADSTRT
6
ADC Round Robin Start Signal
x0 = Stop round robin after the current cycle
x1 = Start round robin
ADEN
7
Bring the ADC out of low power state, this overrides wake from sleep
x0 = Disable in low power
x1 = Enable at full power
ADCCNTL3 (ADDR 0x62 - R/W -Default Value: 0x00)
ADEXGAIN10
0
Gain bit for ADC channel 10, ignore when touch screen is biased
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN11
1
Gain bit for ADC channel 11, ignore when touch screen is biased
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN12
2
Gain bit for ADC channel 12, ignore when touch screen is biased
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN13
3
Gain bit for ADC channel 13, ignore when touch screen is biased
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN14
4
Gain bit for ADC channel 14
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN15
5
Gain bit for ADC channel 15
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN16
6
Gain bit for ADC channel 16
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN17
7
Gain bit for ADC channel 17
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADCCNTL4 (ADDR 0X63 - R/W -DEFAULT VALUE: 0X00)
ADEXGAIN18
0
Gain bit for ADC channel 18
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)
ADEXGAIN19
1
Gain bit for ADC channel 19
x0 = x1 (0-2.0 V input range)
x1 = x10 (0-200 mV input range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com