Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 83Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
87
900844
FUNCTIONAL DEVICE OPERATION
COIN CELL BATTERY CHARGER INTERFACE
COIN CELL BATTERY CHARGER INTERFACE
COIN CELL BATTERY BACKUP/CHARGER
The COIN CELL pin provides a connection for a coin cell backup battery or supercap. If the main battery is deeply discharged
or removed, and in the absence of a USB/Wall input source, the RTC system and coin cell maintained logic, will switch over to
the COIN CELL for backup power. A small capacitor should be placed from the COIN CELL pin to ground under all
circumstances.
The coin cell charger circuit will function as a current limited voltage source, resulting in the CC/CV taper characteristic,
typically used for rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHGEN bit. which is enabled
by default. The output voltage (VCOIN) is programmable through the VCOIN[2:0] bits. The coin cell charger voltage is
programmable in the active state, where the charge current is fixed at ICOINHI. The coin cell charging will be stopped when VPWR
goes below VPWRUVF. Reference Power Path Manager SPI Registers for a more detailed description of the coin cell related bits.
A large capacitor, electrolytic or super cap, can also be used instead of a lithium based coin cell. To avoid discharge by leakage
currents from external components or by the 900844, the COINCHGEN bit should always remain set.
Coin cell charge is equipped with a disconnect circuitry that isolates the coin cell from any loads, if VCOIN goes below 2.0 V,
to prevent the coin cell from being deeply discharged and damaged. This will also cause the ADC reading of the coin cell voltage
to yield zero.
POWER PATH MANAGER SPI REGISTERS
Table 55. Input Power Interrupt/Mask Registers Structure and Bits Description
Name
Bits
Description
CHRGINT (ADDR 0XD0 - R - DEFAULT VALUE: 0X00)
Reserved
0
Reserved
BATOVP
1
Input voltage over-voltage Interrupt Signal (VBAT > VCHGCV +
VOVRVOLT)
x0 = No over-voltage condition
x1 = Over-voltage condition
TEMP
2
Battery over/under-temperature Interrupt Signal
(Battery temperature is out of valid window)
x0 = No over/under-temperature condition
x1 = Over/under-temperature condition
RSVD
3
Reserved
RSVD
4
Reserved
BATDET
5
Input voltage detection Interrupt Signal
This is a dual edge interrupt signal that is set any time a valid Input
Voltage (VBAT > VTRKL) is connected or disconnected
x0 = No interrupts pending
x1 = 3.3 V supply is connected/disconnected (refer to the SCHRGINT
register)
RSVD
7:6
Reserved
MCHRGINT (ADDR 0XD1 - R/W - DEFAULT VALUE: 0X00)
Reserved
0
Reserved
MBATOVP
1
Input voltage over-voltage Interrupt Signal Mask
x0 = Unmask
x1 = Mask
MTEMP
2
Input voltage over/under-temperature Interrupt Signal Mask
x0 = Unmask
x1 = Mask
RSVD
3
Reserved
RSVD
4
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com