Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 66Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 67Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 68Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 69Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 71Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 72Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 73Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 118 page
background image
Analog Integrated Circuit Device Data
70
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
VCCA shares an input voltage pin (PVIN1P8) and a reference ground pin (GND1P8) with VBG regulator, yet each has
independent control. PVIN1P8 is supplied from the VDDQ voltage if VDDQ output is set to 1.8 V, otherwise connect to V21 when
VDDQ is set to 1.5 V.
Figure 35. VCCA Detailed Internal Block Diagram
Main Features
• Uses VDDQ or V21 as the main power supply
• 150 mA maximum continuous output current
• Optimized for a 2.2 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses an internal pass FET
• The output for each LDO is monitored for over-current conditions and under-voltage events
VCC180
VCC180 is a low drop-out (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance, low noise, and high
PSRR, with a low quiescent current and fast transient response. VCC180 is actively discharged during shutdown.
VCC180 shares an input voltage pin (PVIN2P1) and a reference ground pin (GND2P1) with VPNL18 and VPMIC regulators,
yet each has independent control. PVIN2P1 is supplied from the V21 voltage.
The output current for VCC180 is measured and reported through the ADC. Reference ADC Subsystem for more information.
Table 32. VCCA Control Register Structure and Bits Description
Name
Bits
Description
VCCACNT (ADDR 0x40 - R/W - Default Value: 0x3C)
CTLVCCA
2:0
VCCA State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVCCA
5:3
VCCA State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be initialized
by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
Reserved
7:6
Reserved
Z
+
_
Controller
VOCCA
PVIN 1P8
(Shared with VBG)
VOUTCCA
Output Monitor
IOCCA
SPI
Interface
COCCA
VOCCA
CTLVCCA
AOACCTLVCCA
VCCAFAULT
VREF
Discharge
FBCCA
GND1P8
(Shared with VBG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com