Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 59Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 60Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 61Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 62Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 63Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 64Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 65Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 66Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
63
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
• Uses internal compensation
• Gate drive circuits are supplied directly from VPWR
Efficiency Curves
Figure 29 efficiency curves are calculated under PWM mode, based on the recommended external component values and
typical output voltage of 1.8 V. 3.0 V
≤ VPWR ≤ 4.4 V.
Figure 29. VDDQ Efficiency Curves
VDDQ Status/Control Registers and Bits Description
Reference the register map for read/write conditions and default state for each of these registers.
V21
This is a 4.0 MHz fully integrated 2-switch synchronous Buck PWM voltage-mode control DC/DC regulator.
The switcher can operate in different modes depending on the load conditions. These modes can be set through the SPI and
include a PFM mode, an Automatic Pulse Skipping mode, and a PWM mode. The previous selection is optimized to maximum
battery life based on load conditions.
V21 will be discharged every time the regulator is shutting down.
Table 27. VDDQ Status and Control Register Structure and Bits Description
Name
Bits
Description
VDDQCNT (ADDR 0x37 - R/W - Default Value: 0x04)
CTLVDDQ
2:0
VDDQ State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
AOACCTLVDDQ
5:3
VDDQ State Control during AOAC Exit (when EXITSTBY pin is asserted). These bits will be initialized by the
system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
Reserved
7:6
Reserved
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com