Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 63Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 64Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 65Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 66Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 67Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 68Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 69Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
67
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
•4.0 MHz switching frequency
• High efficiency operating modes depending on load conditions
• Output can be discharged through the low side switch.
• Peak current sensing with over-current protection
• Uses internal compensation
• Gate drive circuits are supplied directly from VPWR
Efficiency Curves
Figure 33 efficiency curves are calculated under PWM mode, based on the recommended external component values and
typical output voltage of 1.5 V. 3.0 V
≤ VPWR ≤ 4.4 V.
Figure 33. V15 Efficiency Curves
V15 Status/Control Registers and Bits Description
Reference the register map for read/write conditions and default state for each of these registers.
Table 29. V15CNT Register Structure and Bits Description
Name
Bits
Description
V15CNT (ADDR 0x39 - R/W - Default value: 0x07)
CTLV15
2:0
V15 State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
AOACCTLV15
5:3
V15 State Control during AOAC Exit (when EXITSTBY pin is asserted). These bits will be initialized by the system SPI
controller after power up
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = PFM
x6 = Automatic Pulse Skipping
x7 = PWM
SELV15
7:6
V15 Output Voltage Selection (FSL Usage Only)
X0 = 1.5 V
x1 = 1.6 V
x2, x3 = Reserved
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com