Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 33Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 34Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 35Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 36Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 37Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
SYSTEM CONTROL INTERFACE
SIDEBAND SIGNALS
The following pins are included as part of the Sideband signals:
PMCINT Pin
The PMICINT pin interrupts the platform controller hub by rising from low to high when an unmasked interrupt event occurs.
It is a level sensitive pin and it is cleared when the platform controller hub reads the Interrupt registers. Reference Interrupt
Controller for a more detailed explanation of the Interrupt mechanism.
The PMICINT pin follows the DC Signaling specifications in Table 3 with a reference of 1.8 V (VPMIC).
VRCOMP Pin
This is an active high voltage regulator complete signal. It is asserted low by the PMIC when a SPI voltage regulation request,
or other write request has been decoded. The signal is de-asserted on completion of the request (i.e. the rail is in regulation).
This signal is relevant to the SPI initiated writes and EXITSTBY assertion.
The VRCOMP pin follows the DC Signaling specifications in Table 3 with a reference of 1.8 V (VPMIC).
Figure 9 illustrates the Voltage Regulators register write cycles and VRCOMP functionality. The rising edge on the SPICSB
pin indicates the end of the block of Voltage Regulators configurations, at which point the VRCOMP pin is driven low. As an
address/data block is written, the PMIC can start to ramp those rails (DC-DC, LDO, or switch). Once all of the rails are in
regulation, the PMIC drives the VRCOMP pin high, indicating to the platform controller hub that the voltage regulator configuration
request is completed, and the PMIC is ready for subsequent transactions. The maximum number of voltage regulator change
packets (address/data combinations) is 8. The voltage regulators should ramp at the rate defined in the regulators tables. Due
to the relatively long turn-off time of the voltage regulators, the VRCOMP signal is to be gated-off after a 500 ns minimum (30 ms
max.) low time.
Figure 9. VRCOMP Functionality in a SPI Voltage Regulators Configuration
Table 8. Sidebands Pin Functionality
Pin Name
I/O
Pin Functionality
PMICINT
O
Active high PMIC Interrupt Output pin
VRCOMP
O
Active high Voltage Regulator Complete signal
RESETB
O
Active low hard reset for Platform controller hub
PWRGD
O
Active high Power Good Output signal
EXITSTBY
I
Active high Exit Standby signal
THRMTRIPB
I
Active low Thermal Trip Assertion Input signal
VIDEN[1:0]
I
Active high Input signals driven by the CPU, to indicate if the VID bus is addressing VCC or VNN.
VID[6:0]
I
Active high input signals driven by the CPU, to indicate the output voltage setting for the VCC and VNN rails.
Idle
SPI Packet SPI Packet SPI Packet SPI Packet
Idle
Idle
VR Reconfigure
Existing Mode
4 - tVR_COMP
SPI_CS#
SPI Bus
VR Status
VR_COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com