Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 28Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 29Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 30Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 31Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 32Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 33Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 34Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 35Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
SYSTEM CONTROL INTERFACE
When an unmasked interrupt event happens:
• The 2nd level bit is set.
• The 1st level bit is set by a rising edge sent from the 2nd level register, and the PMICINT signal goes from low to high
• When the system controller, the SCU, reads the 1st level register the 2nd level registers that were set, remain set. Any unset
registers are free to accept an interrupt event.
• When the 1st level register is read, any 1st level register bits that were set at the point the SPI read strobe shifts the register
value into the SPI transmit shift register, that bit will be cleared by the SPI self clear signal immediately following the read
strobe. This allows new interrupts to be recorded without being lost. If all unmasked 1st level bits get cleared by the read, the
PIMCINT pin will de-assert. If a new unmasked 1st level interrupt event happens, just after the read of the 1st level register,
the PIMCINT pin interrupt pin will remain asserted. The SCU reads each 2nd level register and these are cleared on read.
• When the 2nd level register is read, any 2nd level register bits that were set at the point the SPI read strobe sweeps, the
register value into the SPI transmit shift register, that bit will be cleared by the SPI self clear signal immediately following the
read strobe. This allows new interrupts to be recorded without being lost. If a new unmasked 2nd level interrupt event happens
just after the read of the 2nd level register, the PMICINT pin will assert if the 1st level bit is not masked.
Interrupt Bit Summary
Table 7 summarizes all 1st and 2nd level interrupt bits associated with the Interrupt Controller. For more detailed behavioral
descriptions, refer to the related sections.
Table 6. Interrupt Registers Summary
Block
ADDR
Register
Name
RW
D7
D6
D5
D4
D3
D2
D1
D0
Initial
IRQ
0x04
INTERRUPT
R
EXT
AUX
VRFAULT
GPIO
RTC
CHR
ADC
PWRBTN
0x00
IRQ
0x05
INTMASK
R/W
MEXT
MAUX
MVRFAUL
T
MGPIO
MRTC
MCHR
MADC
MPWRBTN
0xFA
RTC
0x1C
RTCC
R
IRQF
PF (=0)
AF
UF
RSVD
RSVD
RSVD
RSVD
0x00
POWER
0x30
VRFAULTIN
T
R
RSVD
RSVD
RSVD
RSVD
RSVD
VRFAIL
BATOCP
THRM
0x00
POWER
0x31
MVRFAULTI
NT
R/W
RSVD
RSVD
RSVD
RSVD
RSVD
MVRFAIL
MBATOCP
MTHRM
0x03
ADC
0x5F
ADCINT
R
RSVD
RSVD
RSVD
RSVD
RSVD
OVERFLOW
PENDET
RND
0x00
ADC
0x60
MADCINT
R/W
RSVD
RSVD
RSVD
RSVD
RSVD
MOVERFLO
W
MPENDET
MRND
0x00
GPIO
0xE8
GPIOINT
R
GPIINT7
GPIINT6
GPIINT5
GPIINT4
GPIINT3
GPIINT2
GPIINT1
GPIINT0
0x00
Notes
9.
Because of the design of the clear on read logic, any interrupt event is allowed to happen at any time. If the interrupt event happens
close to when a read of the interrupt register happens, if the SPI read captures that interrupt bit as being set, then that bit will get cleared.
If the read does not capture the bit as being set, it will not be cleared. In this way no interrupt events are lost.
10.
The 2nd level interrupts that get "Ored" together to set the 1st level interrupt bits can block other 2nd level interrupts from setting the 1st
level interrupt register. This is because if any of the 2nd level interrupts is high, the output of the OR will remain high, blocking the other
2nd level interrupt’s rising edge. This should not be a problem. because when the 2nd level register is read, the SCU will see all the bits
that are active when it is read. The software will decide which one to service first, just as it needs to do when more than one 1st level
interrupt bits are set when that register is read.
11.
Masking has no affect on interrupt bits being set or cleared. Masking just prevents the interrupt event from asserting the interrupt pin. If
an interrupt bit is set, but is masked, the interrupt pin does not assert. If the mask bit is cleared while the bit is still set, the interrupt pin
will assert. Most interrupt registers have 1st and 2nd level mask bits. Both mask bits must be in the unmasked state to generate an
interrupt to the SCU.
12.
Some 2nd level interrupt registers are level sensitive. If the level that sets these interrupts registers is active when the register is read,
it will clear during the active time of the clear on read signal and then reassert. This will reassert the 1st level interrupt bit.
13.
The GPIO interrupts do not have interrupt masking bits, they have interrupt prevention bits. This is controlled by bits 5:4 of the GPIO
control register. See GPIOs for more details on using the GPIO as interrupt inputs.
14.
Interrupts generated by external events are de-bounced. Therefore, the event needs to be stable throughout the de-bounce period
before an interrupt is generated. Nominal de-bounce periods for each event are documented in Table 7. Due to the asynchronous nature
of the de-bounce timer, the effective de-bounce time can vary slightly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com