Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 54Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 55Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 56Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 57Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 58Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 59Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 60Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 61Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
Analog Integrated Circuit Device Data
58
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
The switcher can operate in different modes depending on the load conditions. These modes can be set through the SPI and
include a PFM mode, an Automatic Pulse Skipping mode, and a PWM mode. The above selection is optimized to maximum
battery life based on load conditions.
VCC will be discharged every time the regulator is shutting down.
The output current will be sensed using an intelligent implementation of the DCR sensing method using internal sensing
circuitry, which eliminates the need for an external RC filter network in parallel with the output inductor and its winding resistance.
DCR sensing theory is that if the impedance of the two filters are matching by insuring that R*C = L/RW, then the voltage
across the capacitor is equal to the value of the voltage across the winding resistance RW, VCAP = ILOAD*RW. Based on this, the
voltage across the capacitor is measured, and with a known RW value, the load current can be extracted. The measured current
value will be digitized by the ADC and stored in a register for the processor to access. The method used on the 900844 measures
the voltage across RW in a similar fashion, while using internal sensing circuitry.
The sensed output current value will also be used for over-current protection. If an over-current condition is detected, the
regulator will limit the current through cycle by cycle operation, and alert the system through the VCCFAULT signal, which will in
turn assert the VRFAULT Interrupt signal.
Figure 23. VCC Detailed Internal Block Diagram
Main Features
• Uses the VPWR rail as its power supply
• It is used to provide power to the CPU Core.
• Single-phase Solution with Integrated Drivers and external MOSFETs
• VID Controlled for dynamic voltage scaling requirements of high performance processors
•1.0 MHz switching frequency
• High efficiency operating modes depending on load conditions
• Output can be discharged through the low side switch.
• Loss-Less Output Current Sensing with over-current protection
• Uses internal compensation
• Gate drive circuits are supplied directly from VPWR
Efficiency Curves
The efficiency curves in Figure 24 are calculated under PWM mode, based on the recommended external component values
and typical output voltage of 1.2 V. 3.0 V
≤ VPWR ≤ 4.4 V.
GNDREFVCC
Driver
Controller
EA
Z1
Z2
Internal
Compensation
VOUTFBCC
VPWR
COCC
CINCC
LCC
VCC
HSCCGT
LSCCGT
PGNDCC
Current Sense
Amp
CSPCC
ICC
PVINCC
SWFBCC
SPI
Interface
CTLVCC
AOACCTLVCC
VCCFAULT
VREF
DAC
MHSCC
MLSCC
VIDEN0
VIDEN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com