Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  900844 Datasheet HTML 1Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
900844
INTERNAL BLOCK DIAGRAM
PIN DESCRIPTION
The Type Column indicates the maximum average current through each ball assigned to the different nodes, 500 mA
maximum for HIPWR, 300 mA maximum for MDPWR, and 100 mA maximum for LOPWR
Table 1. 900844 Pin Description
Node Name
Type
I/O
Rating
# of
Balls
BGA Location
Pin Description
VCC - (0.65 V-1.2 V) / 3.5 A VID CPU BUCK with External FETs
PVINCC
HIPWR
-
4.8 V
2
L5, L7
Gate drivers power supply input
HSCCGT
HIPWR
-
4.8 V
2
K2, K4
High side FET gate drive
LSCCGT
HIPWR
-
4.8 V
2
H2, H4
Low side FET gate drive
PGNDCC
HIPWRGND
-
-
2
J1, J3
Local ground for internal circuitry
VOUTFBCC
SGNL
I
4.8 V
1
K8
Output voltage sensing input and negative current sense
terminal
SWFBCC
SGNL
I
3.6 V
1
G3
Switch node feedback
CSPCC
SGNL
I
3.6 V
1
G1
Positive current sense terminal
VNN - (0.65 V-1.2 V) / 1.6 A VID CPU BUCK with External FETs
PVINNN
HIPWR
-
4.8 V
1
L3
Gate drivers power supply input
HSNNGT
HIPWR
-
4.8 V
1
L1
High side FET gate drive
LSNNGT
HIPWR
-
4.8 V
1
M2
Low side FET gate drive
PGNDNN
HIPWRGND
-
-
1
L9
Local ground for internal circuitry
VOUTFBNN
SGNL
I
4.8 V
1
M4
Output voltage sensing input and negative current sense
terminal
SWFBNN
SGNL
I
3.6 V
1
N9
Switch node feedback
CSPNN
SGNL
I
3.6 V
1
N11
Positive current sense terminal
VDDQ - 1.8 V / 1.3 A BUCK
PVINDDQ
HIPWR
-
4.8 V
4
P6, P8, R5, R7
Power supply input
SWDDQ
HIPWR
-
4.8 V
4
N1, N3, P2, P4
Switch node
PGNDDDQ
HIPWRGND
-
-
4
M6, M8, N5, N7
Power ground
FBDDQ
SGNL
I
3.6 V
1
R9
Output voltage feedback input
V21 - 2.1 V / 1.0 A BUCK
PVIN21
HIPWR
-
4.8 V
3
W1, W3, W5
Power supply input
SW21
HIPWR
-
4.8 V
3
V2, V4, V6
Switch node
PGND21
HIPWRGND
-
-
3
U1, U3, U5
Power ground
FB21
SGNL
I
3.6 V
1
V8
Output voltage feedback input
V15 - 1.5 V (or 1.6 V) / 1.5 A BUCK
PVIN15
HIPWR
-
4.8 V
3
AB2, AB4, AB6
Power supply input
SW15
HIPWR
-
4.8 V
3
AA1, AA3, AA5
Switch node
PGND15
HIPWRGND
-
-
3
Y2, Y4, Y6
Power ground
FB15
SGNL
I
3.6 V
1
W7
Output voltage feedback input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com