Electronic Components Datasheet Search
  English  ▼

X  

900844 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 99Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 100Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 101Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 102Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 103Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 104Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 105Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 118 page
background image
Analog Integrated Circuit Device Data
102
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
SPI REGISTER MAP
SPI BIT MAP
The tables include the following fields:
• Block: This corresponds directly to the chapter, section or topic in which the detailed register description is included.
• Address: The register memory map address allocation in HEX format
• Register Name
• R/W: Defines if the register is a Read/Write register or only a Read register
• D7-D0: The 8-bit data included in the register with each bit's name and location within the field included
• Initial: The register's default value after power up
• Function: A short description of the register's function
Some important notes about data in the table:
• Reserved registers/bits are not implemented in the design and they will always read as a 0
• Registers under the "FSL" block are Freescale dedicated registers and are not defined in the customer specifications. These
registers represent additional functionality that Freescale is offering to enhance the performance of the overall system
• Registers under the "VD2" and "VD3" blocks are blocked from being used by Freescale
• The table only displays up to address 0x2FF. Address space between 0x300 and 0x3FF is reserved for future application use.
Freescale is currently using the 0x300 to 0x3FF space for test and debug register implementation. This will not effect the
application or any future use plans for this address space. The details of this space implementation are not discussed in this
document.
Table 74. SPI Register Map
Block
Address
Register Name
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Initial
Function
Chip1
0x00
ID1
R
RSVD
RSVD
REV1[2:0]
VENDID1[2:0]
0x38 Chip1 ID
Chip2
0x01
ID2
R
RSVD
RSVD
REV2[2:0]
VENDID2[2:0]
0x00 Chip2 ID
Chip3
0x02
ID3
R
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Chip3 ID
Chip4
0x03
ID4
R
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Chip4 ID
IRQ
0x04
INTERRUPT
R
EXT
AUX
VRFAULT
GPIO
RTC
CHR
ADC
PWRBTN
0x00 PMIC_INT sources,
read clears
IRQ
0x05
INTMASK
R/W
MEXT
MAUX
MVRFAULT
MGPIO
MRTC
MCHR
MADC
MPWRBTN 0xFA IRQ mask
CNTRL
0x06
CHIPCNTRL
R/W
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
WARMRST COLDRST
0x00 PWRGD/RESET#
control
RSVD
0x07
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x08
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x09
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x0A
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x0B
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x0C
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x0D
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x0E
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RSVD
0x0F
-
-
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
0x00 Reserved
RTC
0x10
RTCS
R/W
RSVD
SEC[6:0]
0x00 RTC Second
RTC
0x11
RTCSA
R/W
RSVD
SECALARM[6:0]
0x00 RTC Second Alarm
RTC
0x12
RTCM1
R/W
RSVD
MIN[6:0]
0x00 RTC Minutes
RTC
0x13
RTCMA
R/W
RSVD
MINIALARM[6:0]
0x00 RTC Minutes Alarm
RTC
0x14
RTCH
R/W
PA-H
RSVD
HRS[5:0]
0x00 RTC Hours
RTC
0x15
RTCHA
R/W
PA-HA
RSVD
HRSALARM[5:0]
0x00 RTC Hours Alarm
RTC
0x16
RTCDW
R/W
RSVD
RSVD
RSVD
RSVD
RSVD
DOW[2:0]
0x01 RTC Day Of Week
RTC
0x17
RTCDM
R/W
RSVD
RSVD
DOM[5:0]
0x01 RTC Day Of Month
RTC
0x18
RTCM2
R/W
19/20
RSVD
RSVD
MONTH[4:0]
0x01 RTC Month



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com