Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 206 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 206 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 202Page - Agere Systems OR3C80 Datasheet HTML 203Page - Agere Systems OR3C80 Datasheet HTML 204Page - Agere Systems OR3C80 Datasheet HTML 205Page - Agere Systems OR3C80 Datasheet HTML 206Page - Agere Systems OR3C80 Datasheet HTML 207Page - Agere Systems OR3C80 Datasheet HTML 208Page - Agere Systems OR3C80 Datasheet HTML 209Page - Agere Systems OR3C80 Datasheet HTML 210Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 206 / 210 page
background image
206
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Ordering Information
OR3C80, -4 Speed Grade, 240-pin Power Quad Shrink Flat Package (SQFP2), Commercial Temperature
Table 79. Voltage Options
Table 80. Temperature Options
Table 81. Package Options
Table 82. ORCA Series 3 Package Matrix
Key: C = commercial, I = industrial.
Table 83. Speed Grade Options
Device
Voltage
OR3Cxx
5.0 V
OR3Txxx
3.3 V
Symbol
Description
Temperature
(Blank)
Commercial
0 °C to 70 °C
I
Industrial
–40 °C to +85 °C
Symbol
Description
BA
Plastic Ball Grid Array (PBGA)
BC
Enhanced Ball Grid Array (EBGA)
PS
Power Quad Shrink Flat Package (SQFP2)
S
Shrink Quad Flat Package (SQFP)
Packages
208-Pin
EIAJ SQFP
208-Pin
EIAJ/SQFP2
240-Pin
EIAJ SQFP
240-Pin
EIAJ/SQFP2
256-Pin
PBGA
352-Pin
PBGA
432-Pin
EBGA
600-Pin
EBGA
S208
PS208
S240
PS240
BA256
BA352
BC432
BC600
OR3T20
Cl
—
CI
—CI
CI
——
OR3T30
CI
—
CI
—CI
CI
——
OR3C/T55
—
CI
—
CI
CI
CI
——
OR3C/T80
—
CI
—
CI
—
CI
CI
—
OR3T125
—
CI
—
CI
—CI
CI
CI
Device
Speed Grade
OR3Cxx
-4, -5
OR3Txxx
-5, -6, -7
OR3C80-4 PS 240
DEVICE TYPE
SPEED GRADE
PACKAGE TYPE
NUMBER OF PINS
TEMPERATURE RANGE
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com