Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 207 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 207 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 202Page - Agere Systems OR3C80 Datasheet HTML 203Page - Agere Systems OR3C80 Datasheet HTML 204Page - Agere Systems OR3C80 Datasheet HTML 205Page - Agere Systems OR3C80 Datasheet HTML 206Page - Agere Systems OR3C80 Datasheet HTML 207Page - Agere Systems OR3C80 Datasheet HTML 208Page - Agere Systems OR3C80 Datasheet HTML 209Page - Agere Systems OR3C80 Datasheet HTML 210Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 207 / 210 page
background image
Lucent Technologies Inc.
207
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Index
A
Absolute Maximum Ratings, 96
AND-OR-INVERT (AOI), 6
AND-OR-INVERT (AOI),1
(see also Supplemental Logic
Interconnect Cell (SLIC), 1
Architecture
Overview, 6—9
ASWE, 9, 11, 15—17, 23, 33, 48
B
Bidirectional Buffers (BIDIs), 6, 19, 43, 83
(see also Routingand SLIC)
Bit Stream (see FPGA Configuration)
Bit Stream Error Checking, 88
(see also FPGA states of Operation)
Boundary Scan, 55
(see Special Function Blocks)
C
Clock Control (CLKCNTRL), 50
(see also Clock Distribution Network and
Special Function Blocks)
Clock Distribution Network, 48–51
CLKCNTRL, 50
ExpressCLK, 48
Inputs, 51
Fast Clock, 48, 51
Global Control Signals, 48
In the PICs
ExpressCLK, 50
System Clock, 50
In the PLC Array
Fast Clock, 49
System Clock, 49
PFU Clock Sources, 48
Selecting Clock Input Pins, 51
System Clock, 48
To the PLC Array
Fast Clock, 50
System Clock, 50
Clock Enable (CE), 9, 11, 17, 23, 31, 48
Clock Multiplication (see PCM)
Comparator (see LUT Operating Modes)
Configuration (see FPGA States of Operation
or FPGA Configuration)
Control Inputs (see PICs, Inputs)
D
Demultiplexing (see PICs, Input Demultiplexing), 38
Duty-Cycle Adjustment (see PCM)
E
Electrical Characteristics, 97, 98
Error Checking (see FPGA Configuration)
ExpressCLK, 1, 6, 31, 34, 37, 39, 41, 43, 47—51,
70—74, 77—81
(see also Clock distribution Network and
Programmable Clock Manager)
F
Fast Clock, 46—51, 54
(see Clock Distribution Network)
5 V Tolerant I/O 35
Flexible Input Structure (FINS) 1, 27, 32
(see also Routing)
FPGA Configuration, 87—94
Configuration Frame Format, 87
Configuration Modes, 89
Asynchronous Peripheral Mode, 91
Daisy-Chaining, 95
Master Parallel Mode, 89
Master Serial Mode, 90
Microprocessor Interface (MPI) Mode, 91
Slave Parallel Mode, 94
Slave Serial Mode, 94
Data Format, 86
Data Frame, 86
Using
ORCA Foundry to Generate RAM Data, 86
FPGA States of Operation
Configuration, 83
Initialization, 82
Other Configuration Options, 85
Partial Reconfiguration, 85
Reconfiguration, 85
Start-Up, 84
I
IEEE Standard, 1149.1 55, 59
Initialization (see FPGA States of Operation)
Input/Output Buffers
Measurement Conditions, 138
Output Buffer Characteristics
OR3Cxx, 139
OR3Txxx, 141
J
JTAG (see Boundry Scan)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com