Electronic Components Datasheet Search
  English  ▼

X  

OR3C80 Datasheet(PDF) 208 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 208 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 202Page - Agere Systems OR3C80 Datasheet HTML 203Page - Agere Systems OR3C80 Datasheet HTML 204Page - Agere Systems OR3C80 Datasheet HTML 205Page - Agere Systems OR3C80 Datasheet HTML 206Page - Agere Systems OR3C80 Datasheet HTML 207Page - Agere Systems OR3C80 Datasheet HTML 208Page - Agere Systems OR3C80 Datasheet HTML 209Page - Agere Systems OR3C80 Datasheet HTML 210Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 208 / 210 page
background image
208
208
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Index (continued)
L
Look-Up Table (LUT) Operating Modes, 11—18
Adder-Subtractor Submode, 15
Counter Submode, 15
Equality Comparators, 16
Half-Logic Mode, 14
Logic Mode, 12
Memory Mode, 17
Multiplier Submode, 16
Ripple Mode, 14
LSR, 11, 17, 23—24, 31, 48
M
Maximum Ratings (see Absolute Maximum Ratings)
Microprocessor Interface (MPI), 62—69
i960 System, 64
Interface to FPGA, 65
PowerPC System, 63
Setup and Control Registers, 66
Multiplexing (see Output Multiplexing)
Multiplier (see LUT Operating Modes)
O
ORCA Foundry Development System, 25
Overview, 7
Ordering Information
Package Matrix, 207
Package Options, 207
Temperature Options, 207
Voltage Options, 207
Output (see PICs)
Output Multiplexing, 39
P
Package Information, 200—206
Package Matrix, 204
Package Outline Diagrams, 200
208-Pin SQFP2, 199
240-Pin SQFP2, 202
256-Pin PBGA, 203
352-Pin PBGA, 204
432-Pin EBGA, 205
600-Pin EBGA, 206
Terms and Definitions, 200
PAL, 1 (see also Supplemental Logic and
Interconnect Cell (SLIC)) 1
PIC Routing (see Routing)
Pin Information
208-Pin SQFP2 Pinout, 151
240-Pin SQFP2 Pinout, 156
256-Pin PBGA Pinout, 162
352-Pin PBGA Pinout, 165
432-Pin EBGA Pinout, 177
600-Pin EBGA Pinout, 184
Package Compatibility, 152
Pin Descriptions 147, 151
Power Dissipation, 144
5 V Tolerant I/O, 143
OR3Cxx, 144
OR3Txxx, 145
PowerPC (see Microprocessor Interface)
Programmable Clock Manager (PCM), 6, 81
Clock Delay, 74
Clock Multiplication, 75
DLL Mode, 73
PCM Cautions, 81
PCM Detailed Programming, 77
PCM Operation, 76
PCM/FPGA Internal Interface, 76
PLL Mode, 74
Registers, 71
Programmable Function Unit (PFU), 9
Cintrol Inputs, 11
Operating Modes, 11
Softwired LUTs (SWL), 12
Twin-quad Architecture, 1, 8, 14, 19
Programmable Input/Output Cells (PICs), 34—44
5 V Tolerant I/O, 35
Architecture, 43
Control Inputs, 11, 23
ASWE, 11
CE, 11
CLK, 11
GSRN, 11, 24
LSR, 11
SEL, 11
Input Demultiplexing, 38
Inputs, 36
Output Multiplexing, 39
Outputs, 39
Open-Drain Output Option, 39
Propagation Delays, 39
Overview, 32
PIO, 34
PIO Logic, 41
PIO Options, 35
PIO Register Control Signals, 41
Zero-Hold Input, 37
Programmable Logic Cells (PLCs), 9—33
Architecture, 32
Latches/Flip-Flops, 23, 24
PFU, 9
Propagation Delays (see PICs, Outputs)
Routing, 25
SLIC, 19—22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com