Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 107 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 107 Page - SPANSION

Back Button S25FS256S Datasheet HTML 103Page - SPANSION S25FS256S Datasheet HTML 104Page - SPANSION S25FS256S Datasheet HTML 105Page - SPANSION S25FS256S Datasheet HTML 106Page - SPANSION S25FS256S Datasheet HTML 107Page - SPANSION S25FS256S Datasheet HTML 108Page - SPANSION S25FS256S Datasheet HTML 109Page - SPANSION S25FS256S Datasheet HTML 110Page - SPANSION S25FS256S Datasheet HTML 111Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
107
Da ta
Shee t
(Prelim i nar y )
length of the next Dual I/O Read command through the inclusion or exclusion of the first byte instruction code.
The lower nibble (bits 3-0) of the Mode bits are “don’t care” (“x”) and may be high impedance. If the Mode bits
equal Axh, then the device remains in Dual I/O Continuous Read mode and the next address can be entered
(after CS# is raised high and then asserted low) without the BBh or BCh instruction, as shown in Figure 10.31
on page 108; thus, eliminating eight cycles of the command sequence. The following sequences will release
the device from Dual I/O Continuous Read mode; after which, the device can accept standard SPI
commands:
1. During the Dual I/O Continuous Read command sequence, if the Mode bits are any value other
than Axh, then the next time CS# is raised high the device will be released from Dual I/O con ti no
us read mode.
2. Send the Mode Reset command.
Note that the four mode bit cycles are part of the device’s internal circuitry latency time to access the initial
address after the last address cycle that is clocked into IO0 (SI) and IO1 (SO).
It is important that the I/O signals be set to high-impedance at or before the falling edge of the first data out
clock. At higher clock speeds the time available to turn off the host outputs before the memory device begins
to drive (bus turn around) is diminished. It is allowed and may be helpful in preventing I/O signal contention,
for the host system to turn off the I/O signal outputs (make them high impedance) during the last two “don’t
care” mode cycles or during any dummy cycles.
Following the latency period the memory content, at the address given, is shifted out two bits at a time
through IO0 (SI) and IO1 (SO). Two bits are shifted out at the SCK frequency at the falling edge of SCK
signal.
The address can start at any byte location of the memory array. The address is automatically incremented to
the next higher address in sequential order after each byte of data is shifted out. The entire memory can
therefore be read out with one single read instruction and address 000000h provided. When the highest
address is reached, the address counter will wrap around and roll back to 000000h, allowing the read
sequence to be continued indefinitely.
CS# should not be driven high during mode or dummy bits as this may make the mode bits indeterminate.
Figure 10.29 Dual I/O Read Command Sequence (3-Byte Address, BBh [CR2V[7]=0])
Note:
1. Least significant 4 bits of Mode are don’t care and it is optional for the host to drive these bits. The host may turn off drive during these
cycles to increase bus turn around time between Mode bits from host and returning data from the memory.
Figure 10.30 Dual I/O Read Command Sequence (4-Byte Address, BBh [CR2V[7]=1])
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0
22
2
0
6
4
2
0
6
4
2
0
6
4
2
0
23
3
1
7
5
3
1
7
5
3
1
7
5
3
1
Instruction
Address
Mode
Dum
Data1
Data2
CS#
SCK
IO0
IO1
Phase
7
6
5
4
3
2
1
0
30
2
0
6
4
2
0
6
4
2
0
6
4
2
0
31
3
1
7
5
3
1
7
5
3
1
7
5
3
1
Instruction
Address
Mode
Dum
Data1
Data2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com