| Electronic Components Datasheet Search |
|
S25FS256S Datasheet(PDF) 109 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S25FS256S Datasheet(HTML) 109 Page - SPANSION |
|
109 / 154 page ![]() November 6, 2013 S25FS-S_00_04 S25FS-S Family 109 Da ta Shee t (Prelim i nar y ) contention, for the host system to turn off the IO0-IO3 signal outputs (make them high impedance) during the last “don’t care” mode cycle or during any dummy cycles. CS# should not be driven high during mode or dummy bits as this may make the mode bits indeterminate. In QPI Mode (CR2V[6]=1) the Quad I/O instructions are sent 4 bits per SCK rising edge. The remainder of the command protocol is identical to the Quad I/O commands. Figure 10.32 Quad I/O Read Command Sequence (3-Byte Address, EBh [CR2V[7]=0]) Figure 10.33 Quad I/O Read Command Sequence (3-Byte Address, EBh [CR2V[7]=0]) QPI Mode Figure 10.34 Continuous Quad I/O Read Command Sequence (3-Byte Address) CS# SCLK IO0 IO1 IO2 IO3 Phase 7 6 5 4 3 2 1 0 20 4 0 4 0 4 0 4 0 4 0 4 0 21 5 1 5 1 5 1 5 1 5 1 5 1 22 6 2 6 0 6 2 6 2 6 2 6 2 23 7 3 7 1 7 3 7 3 7 3 7 3 Instruction Address Mode Dummy D1 D2 D3 D4 CS# SCLK IO0 IO1 IO2 IO3 Phase 4 0 20 4 0 4 4 0 4 0 4 0 4 0 5 1 21 5 1 5 5 1 5 1 5 1 5 1 6 2 22 6 2 6 0 6 2 6 2 6 2 6 2 7 3 23 7 3 7 1 7 3 7 3 7 3 7 3 Instruct. Address Mode Dummy D1 D2 D3 D4 CS# SCK IO0 IO1 IO2 IO3 Phase 4 0 4 0 20 4 0 4 0 4 0 4 0 6 4 2 0 5 1 5 1 21 5 1 5 1 5 1 5 1 7 5 3 1 6 2 6 2 22 6 2 6 2 6 2 6 1 7 5 3 1 7 3 7 3 23 7 3 7 3 7 3 7 1 7 5 3 1 DN-1 DN Address Mode Dummy D1 D2 D3 D4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |