Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 108 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 108 Page - SPANSION

Back Button S25FS256S Datasheet HTML 104Page - SPANSION S25FS256S Datasheet HTML 105Page - SPANSION S25FS256S Datasheet HTML 106Page - SPANSION S25FS256S Datasheet HTML 107Page - SPANSION S25FS256S Datasheet HTML 108Page - SPANSION S25FS256S Datasheet HTML 109Page - SPANSION S25FS256S Datasheet HTML 110Page - SPANSION S25FS256S Datasheet HTML 111Page - SPANSION S25FS256S Datasheet HTML 112Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 154 page
background image
108
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Figure 10.31 Dual I/O Continuous Read Command Sequence (4-Byte Address [CR2V[7]=1])
10.4.4
Quad I/O Read (QIOR EBh or 4QIOR ECh)
The instruction
 EBh (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
 EBh (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
 ECh is followed by a 4-byte address (A31-A0)
The Quad I/O Read command improves throughput with four I/O signals — IO0-IO3. It allows input of the
address bits four bits per serial SCK clock. In some applications, the reduced instruction overhead might
allow for code execution (XIP) directly from S25FS-S family devices. The Quad bit of the Configuration
Register must be set (CR1V[1]=1) to enable the Quad capability of S25FS-S family devices.
The maximum operating clock frequency for Quad I/O Read is 133MHz.
For the Quad I/O Read command, there is a latency required after the mode bits (described below) before
data begins shifting out of IO0-IO3. This latency period (i.e., dummy cycles) allows the device’s internal
circuitry enough time to access data at the initial address. During latency cycles, the data value on IO0-IO3
are “don’t care” and may be high impedance. The number of dummy cycles is determined by the frequency of
SCK. The latency is configured in CR2V[3:0].
Following the latency period, the memory contents at the address given, is shifted out four bits at a time
through IO0-IO3. Each nibble (4 bits) is shifted out at the SCK frequency by the falling edge of the SCK
signal.
The address can start at any byte location of the memory array. The address is automatically incremented to
the next higher address in sequential order after each byte of data is shifted out. The entire memory can
therefore be read out with one single read instruction and address 000000h provided. When the highest
address is reached, the address counter will wrap around and roll back to 000000h, allowing the read
sequence to be continued indefinitely.
Address jumps can be done without the need for additional Quad I/O Read instructions. This is controlled
through the setting of the Mode bits (after the address sequence, as shown in Figure 10.32 on page 109 or
Figure 10.35 on page 110). This added feature removes the need for the instruction sequence and greatly
improves code execution (XIP). The upper nibble (bits 7-4) of the Mode bits control the length of the next
Quad I/O instruction through the inclusion or exclusion of the first byte instruction code. The lower nibble (bits
3-0) of the Mode bits are “don’t care” (“x”). If the Mode bits equal Axh, then the device remains in Quad I/O
High Performance Read mode and the next address can be entered (after CS# is raised high and then
asserted low) without requiring the EBh or ECh instruction, as shown in Figure 10.34 on page 109 or
Figure 10.36 on page 110; thus, eliminating eight cycles for the command sequence. The following
sequences will release the device from Quad I/O High Performance Read mode; after which, the device can
accept standard SPI commands:
1. During the Quad I/O Read Command Sequence, if the Mode bits are any value other than Axh,
then the next time CS# is raised high the device will be released from Quad I/O High Performance
Read mode.
2. Send the Mode Reset command.
Note that the two mode bit clock cycles and additional wait states (i.e., dummy cycles) allow the device’s
internal circuitry latency time to access the initial address after the last address cycle that is clocked into IO0-
IO3.
It is important that the IO0-IO3 signals be set to high-impedance at or before the falling edge of the first data
out clock. At higher clock speeds the time available to turn off the host outputs before the memory device
begins to drive (bus turn around) is diminished. It is allowed and may be helpful in preventing IO0-IO3 signal
CS#
SCK
IO0
IO1
Phase
6
4
2
0
30
2
0
6
4
2
0
6
4
2
0
6
4
2
0
7
5
3
1
31
3
1
7
5
3
1
7
5
3
1
7
5
3
1
DataN
Address
Mode
Dum
Data1
Data2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com