Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 114 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 114 Page - SPANSION

Back Button S25FS256S Datasheet HTML 110Page - SPANSION S25FS256S Datasheet HTML 111Page - SPANSION S25FS256S Datasheet HTML 112Page - SPANSION S25FS256S Datasheet HTML 113Page - SPANSION S25FS256S Datasheet HTML 114Page - SPANSION S25FS256S Datasheet HTML 115Page - SPANSION S25FS256S Datasheet HTML 116Page - SPANSION S25FS256S Datasheet HTML 117Page - SPANSION S25FS256S Datasheet HTML 118Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 154 page
background image
114
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
10.5.2
Page Program (PP 02h or 4PP 12h)
The Page Program (PP) command allows bytes to be programmed in the memory (changing bits from 1 to 0).
Before the Page Program (PP) commands can be accepted by the device, a Write Enable (WREN) command
must be issued and decoded by the device. After the Write Enable (WREN) command has been decoded
successfully, the device sets the Write Enable Latch (WEL) in the Status Register to enable any write
operations.
The instruction
 02h (CR2V[7]=0) is followed by a 3-byte address (A23-A0) or
 02h (CR2V[7]=1) is followed by a 4-byte address (A31-A0) or
 12h is followed by a 4-byte address (A31-A0)
and at least one data byte on SI. Depending on CR3V[4], the page size can either be 256 or 512 bytes. Up to
a page can be provided on SI after the 3-byte address with instruction 02h or 4-byte address with instruction
12h has been provided.
If more data is sent to the device than the space between the starting address and the page aligned end
boundary, the data loading sequence will wrap from the last byte in the page to the zero byte location of the
same page and begin overwriting any data previously loaded in the page. The last page worth of data is
programmed in the page. This is a result of the device being equipped with a page program buffer that is only
page size in length. If less than a page of data is sent to the device, these data bytes will be programmed in
sequence, starting at the provided address within the page, without having any affect on the other bytes of the
same page.
Using the Page Program (PP) command to load an entire page, within the page boundary, will save overall
programming time versus loading less than a page into the program buffer.
The programming process is managed by the flash memory device internal control logic. After a programming
command is issued, the programming operation status can be checked using the Read Status Register 1
command. The WIP bit (SR1V[0]) will indicate when the programming operation is completed. The P_ERR bit
(SR1V[6]) will indicate if an error occurs in the programming operation that prevents successful completion of
programming. This includes attempted programming of a protected area.
Figure 10.43 Page Program (PP 02h or 4PP 12h) Command Sequence
Note:
1. A = MSB of address = A23 for PP 02h, or A31 for 4PP 12h.
This command is also supported in QPI Mode. In QPI Mode the instruction is shifted in on IO0-IO3, two clock
cycles per byte.
Figure 10.44 Page Program (PP 02h or 4PP 12h) QPI Mode Command Sequence
Note:
1. A = MSB of address = A23 for PP 02h, or A31 for 4PP 12h.
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Address
Input Data1
Input Data2
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
A-3
4
0
4
0
4
0
4
0
4
0
5
1
A-2
5
1
5
1
5
1
5
1
5
1
6
2
A-1
6
2
6
2
6
2
6
2
6
2
7
3
A
7
3
7
3
7
3
7
3
7
3
Instruct.
Address
Input D1
Input D2
Input D3
Input D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com