Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 116 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 116 Page - SPANSION

Back Button S25FS256S Datasheet HTML 112Page - SPANSION S25FS256S Datasheet HTML 113Page - SPANSION S25FS256S Datasheet HTML 114Page - SPANSION S25FS256S Datasheet HTML 115Page - SPANSION S25FS256S Datasheet HTML 116Page - SPANSION S25FS256S Datasheet HTML 117Page - SPANSION S25FS256S Datasheet HTML 118Page - SPANSION S25FS256S Datasheet HTML 119Page - SPANSION S25FS256S Datasheet HTML 120Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 154 page
background image
116
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Figure 10.46 Parameter Sector Erase (P4E 20h or 4P4E 21h) QPI Mode Command Sequence
Note:
1. A = MSB of address = A23 for P4E 20h with CR2V[7]=0, or A31 for P4E 20h with CR2V[7]=1 or 4P4E 21h.
10.6.2
Sector Erase (SE D8h or 4SE DCh)
The Sector Erase (SE) command sets all bits in the addressed sector to 1 (all bytes are FFh). Before the
Sector Erase (SE) command can be accepted by the device, a Write Enable (WREN) command must be
issued and decoded by the device, which sets the Write Enable Latch (WEL) in the Status Register to enable
any write operations.
The instruction
 D8h [CR2V[7]=0] is followed by a 3-byte address (A23-A0), or
 D8h [CR2V[7]=1] is followed by a 4-byte address (A31-A0), or
 DCh is followed by a 4-byte address (A31-A0)
CS# must be driven into the logic high state after the twenty-fourth or thirty-second bit of address has been
latched in on SI. This will initiate the erase cycle, which involves the pre-programming and erase of the
chosen sector. If CS# is not driven high after the last bit of address, the Sector Erase operation will not be
executed.
As soon as CS# is driven into the logic high state, the internal erase cycle will be initiated. With the internal
erase cycle in progress, the user can read the value of the Write-In Progress (WIP) bit to check if the
operation has been completed. The WIP bit will indicate a 1 when the erase cycle is in progress and a 0 when
the erase cycle has been completed.
A Sector Erase (SE) command applied to a sector that has been Write Protected through the Block Protection
bits or ASP, will not be executed and will set the E_ERR status.
A device configuration option (CR3V[1]) determines whether the SE command erases 64 kbytes or
256 kbytes. The option to use this command to always erase 256 kbytes provides for software compatibility
with higher density and future S25FS family devices.
A device configuration option (CR3V[3]) determines whether 4-kB parameter sectors are in use. When
CR3V[3] = 0, 4-kB parameter sectors overlay a portion of the highest or lowest address 32 kB of the device
address space. If a Sector Erase command is applied to a 64-kB sector that is overlaid by 4-kB sectors, the
overlaid 4-kB sectors are not affected by the erase. Only the visible (non-overlaid) portion of the 64-kB sector
appears erased. Similarly if a Sector Erase command is applied to a 256-kB range that is overlaid by 4-kB
sectors, the overlaid 4-kB sectors are not affected by the erase. When CR3V[3] = 1, there are no 4-kB
parameter sectors in the device address space and the Sector Erase command always operates on fully
visible 64-kB or 256-kB sectors.
ASP has a PPB and a DYB protection bit for each physical sector, including any 4-kB sectors. If a Sector
Erase command is applied to a 256-kB range that includes a 64-kB protected physical sector, the erase will
not be executed on the 256-kB range and will set the E_ERR status.
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
A-3
4
0
5
1
A-2
5
1
6
2
A-1
6
2
7
3
A
7
3
Instructtion
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com