Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 118 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 118 Page - SPANSION

Back Button S25FS256S Datasheet HTML 114Page - SPANSION S25FS256S Datasheet HTML 115Page - SPANSION S25FS256S Datasheet HTML 116Page - SPANSION S25FS256S Datasheet HTML 117Page - SPANSION S25FS256S Datasheet HTML 118Page - SPANSION S25FS256S Datasheet HTML 119Page - SPANSION S25FS256S Datasheet HTML 120Page - SPANSION S25FS256S Datasheet HTML 121Page - SPANSION S25FS256S Datasheet HTML 122Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 154 page
background image
118
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
10.6.3
Bulk Erase (BE 60h or C7h)
The Bulk Erase (BE) command sets all bits to 1 (all bytes are FFh) inside the entire flash memory array.
Before the BE command can be accepted by the device, a Write Enable (WREN) command must be issued
and decoded by the device, which sets the Write Enable Latch (WEL) in the Status Register to enable any
write operations.
CS# must be driven into the logic high state after the eighth bit of the instruction byte has been latched in on
SI. This will initiate the erase cycle, which involves the pre-programming and erase of the entire flash memory
array. If CS# is not driven high after the last bit of instruction, the BE operation will not be executed.
As soon as CS# is driven into the logic high state, the erase cycle will be initiated. With the erase cycle in
progress, the user can read the value of the Write-In Progress (WIP) bit to determine when the operation has
been completed. The WIP bit will indicate a 1 when the erase cycle is in progress and a 0 when the erase
cycle has been completed.
A BE command can be executed only when the Block Protection (BP2, BP1, BP0) bits are set to 0s. If the BP
bits are not 0, the BE command is not executed and E_ERR is not set. The BE command will skip any sectors
protected by the DYB or PPB and the E_ERR status will not be set.
Figure 10.49 Bulk Erase Command Sequence
This command is also supported in QPI Mode. In QPI Mode the instruction is shifted in on IO0-IO3, two clock
cycles per byte.
Figure 10.50 Bulk Erase Command Sequence QPI Mode
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
5
1
6
2
7
3
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com