Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 121 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 121 Page - SPANSION

Back Button S25FS256S Datasheet HTML 117Page - SPANSION S25FS256S Datasheet HTML 118Page - SPANSION S25FS256S Datasheet HTML 119Page - SPANSION S25FS256S Datasheet HTML 120Page - SPANSION S25FS256S Datasheet HTML 121Page - SPANSION S25FS256S Datasheet HTML 122Page - SPANSION S25FS256S Datasheet HTML 123Page - SPANSION S25FS256S Datasheet HTML 124Page - SPANSION S25FS256S Datasheet HTML 125Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
121
Da ta
Shee t
(Prelim i nar y )
Reading at any address within an erase-suspended sector or program-suspended page produces
undetermined data.
The WRR, WRAR, or PPB Erase commands are not allowed during Erase or Program Suspend, it is
therefore not possible to alter the Block Protection or PPB bits during Erase Suspend. If there are sectors that
may need programming during Erase suspend, these sectors should be protected only by DYB bits that can
be turned off during Erase Suspend.
After an erase-suspended program operation is complete, the device returns to the erase-suspend mode.
The system can determine the status of the program operation by reading the WIP bit in the Status Register,
just as in the standard program operation.
Figure 10.53 Program or Erase Suspend Command Sequence
Figure 10.54 Program or Erase Suspend Command Sequence
4DIOR
BC
X
X
All array reads allowed in suspend.
DYBRD
FA
X
It may be necessary to remove and restore dynamic protection during erase
suspend to allow programming during erase suspend.
DYBWR
FB
X
It may be necessary to remove and restore dynamic protection during erase
suspend to allow programming during erase suspend.
PPBRD
FC
X
Allowed for checking Persistent Protection before attempting a program
command during erase suspend.
4DYBRD
E0
X
It may be necessary to remove and restore dynamic protection during erase
suspend to allow programming during erase suspend.
4DYBWR
E1
X
It may be necessary to remove and restore dynamic protection during erase
suspend to allow programming during erase suspend.
4PPBRD
E2
X
Allowed for checking Persistent Protection before attempting a program
command during erase suspend.
QIOR
EB
X
X
All array reads allowed in suspend.
4QIOR
EC
X
X
All array reads allowed in suspend.
DDRQIOR
ED
X
X
All array reads allowed in suspend.
4DDRQIOR
EE
X
X
All array reads allowed in suspend.
RESET
F0
X
X
Reset allowed anytime.
MBR
FF
X
X
May need to reset a read operation during suspend.
Table 10.5 Commands Allowed During Program or Erase Suspend (Sheet 2 of 2)
Instruction
Name
Instruction
Code
(Hex)
Allowed
During
Erase
Suspend
Allowed
During
Program
Suspend
Comment
CS#
SCK
SI
SO
Phase
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7 6
5
4
3
2
1
0
Suspend Instruction
Read Status Instruction
Status
Instr. During Suspend
Repeat Status Read Until Suspended
tSL
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com