Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 125 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 125 Page - SPANSION

Back Button S25FS256S Datasheet HTML 121Page - SPANSION S25FS256S Datasheet HTML 122Page - SPANSION S25FS256S Datasheet HTML 123Page - SPANSION S25FS256S Datasheet HTML 124Page - SPANSION S25FS256S Datasheet HTML 125Page - SPANSION S25FS256S Datasheet HTML 126Page - SPANSION S25FS256S Datasheet HTML 127Page - SPANSION S25FS256S Datasheet HTML 128Page - SPANSION S25FS256S Datasheet HTML 129Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
125
Da ta
Shee t
(Prelim i nar y )
10.8.3
DYB Read (DYBRD FAh or 4DYBRD E0h)
The instruction is latched into SI by the rising edge of the SCK signal. The instruction is followed by the 24 or
32-bit address, depending on the address length configuration CR2V[7], selecting location zero within the
desired sector. Note, the high order address bits not used by a particular density device must be zero. Then
the 8-bit DYB access register contents are shifted out on the serial output SO. Each bit is shifted out at the
SCK frequency by the falling edge of the SCK signal. It is possible to read the same DYB access register
continuously by providing multiples of eight clock cycles. The address of the DYB register does not increment
so this is not a means to read the entire DYB array. Each location must be read with a separate DYB Read
command. The maximum operating clock frequency for READ command is 133 MHz.
Figure 10.60 DYBRD Command Sequence
Notes:
1. A = MSB of address = 23 for Address length (CR2V[7] = 0, or 31 for CR2V[7]=1 with command FAh.
2. A = MSB of address = 31 with command E0h.
This command is also supported in QPI Mode. In QPI Mode the instruction and address is shifted in on IO0-
IO3 and returning data is shifted out on IO0-IO3.
Figure 10.61 DYBRD QPI Mode Command Sequence
Notes:
1. A = MSB of address = 23 for Address length (CR2V[7] = 0, or 31 for CR2V[7]=1 with command FAh.
2. A = MSB of address = 31 with command E0h.
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Address
Register
Repeat Register
CS#
SCLK
IO0
IO1
IO2
IO3
Phase
4
0
A-3
4
0
4
0
5
1
A-2
5
1
5
1
6
2
A-1
6
2
6
2
7
3
A
7
3
7
3
Instruction
Address
Output DYBAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com