Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 127 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 127 Page - SPANSION

Back Button S25FS256S Datasheet HTML 123Page - SPANSION S25FS256S Datasheet HTML 124Page - SPANSION S25FS256S Datasheet HTML 125Page - SPANSION S25FS256S Datasheet HTML 126Page - SPANSION S25FS256S Datasheet HTML 127Page - SPANSION S25FS256S Datasheet HTML 128Page - SPANSION S25FS256S Datasheet HTML 129Page - SPANSION S25FS256S Datasheet HTML 130Page - SPANSION S25FS256S Datasheet HTML 131Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
127
Da ta
Shee t
(Prelim i nar y )
10.8.5
PPB Read (PPBRD FCh or 4PPBRD E2h)
The instruction E2h is shifted into SI by the rising edges of the SCK signal, followed by the 24- or 32-bit
address, depending on the address length configuration CR2V[7], selecting location zero within the desired
sector (note, the high order address bits not used by a particular density device must be zero). Then the 8-bit
PPB access register contents are shifted out on SO.
It is possible to read the same PPB access register continuously by providing multiples of eight clock cycles.
The address of the PPB register does not increment so this is not a means to read the entire PPB array. Each
location must be read with a separate PPB Read command. The maximum operating clock frequency for the
PPB Read command is 133 MHz.
Figure 10.64 PPBRD Command Sequence
Notes:
1. A = MSB of address = 23 for Address length (CR2V[7] = 0, or 31 for CR2V[7]=1 with command FCh.
2. A = MSB of address = 31 with command E2h.
10.8.6
PPB Program (PPBP FDh or 4PPBP E3h)
Before the PPB Program (PPBP) command can be accepted by the device, a Write Enable (WREN)
command must be issued. After the Write Enable (WREN) command has been decoded, the device will set
the Write Enable Latch (WEL) in the Status Register to enable any write operations.
The PPBP command is entered by driving CS# to the logic low state, followed by the instruction, followed by
the 24- or 32-bit address, depending on the address length configuration CR2V[7], selecting location zero
within the desired sector (note, the high order address bits not used by a particular density device must be
zero).
The PPBP command affects the P_ERR and WIP bits of the Status and Configuration Registers in the same
manner as any other programming operation.
CS# must be driven to the logic high state after the last bit of address has been latched in. If not, the PPBP
command is not executed. As soon as CS# is driven to the logic high state, the self-timed PPBP operation is
initiated. While the PPBP operation is in progress, the Status Register may be read to check the value of the
Write-In Progress (WIP) bit. The WIP bit is a 1 during the self-timed PPBP operation, and is a 0 when it is
completed. When the PPBP operation is completed, the Write Enable Latch (WEL) is set to a 0.
Figure 10.65 PPBP Command Sequence
Notes:
1. A = MSB of address = 23 for Address length (CR2V[7] = 0, or 31 for CR2V[7]=1 with command FDh.
2. A = MSB of address = 31 with command E3h.
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Address
Register
Repeat Register
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
A
1
0
Instruction
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com