Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 131 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 131 Page - SPANSION

Back Button S25FS256S Datasheet HTML 127Page - SPANSION S25FS256S Datasheet HTML 128Page - SPANSION S25FS256S Datasheet HTML 129Page - SPANSION S25FS256S Datasheet HTML 130Page - SPANSION S25FS256S Datasheet HTML 131Page - SPANSION S25FS256S Datasheet HTML 132Page - SPANSION S25FS256S Datasheet HTML 133Page - SPANSION S25FS256S Datasheet HTML 134Page - SPANSION S25FS256S Datasheet HTML 135Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
131
Da ta
Shee t
(Prelim i nar y )
10.8.12
Password Unlock (PASSU E9h)
The PASSU command is entered by driving CS# to the logic low state, followed by the instruction and the
password data bytes on SI, least significant byte first, most significant bit of each byte first. The password is
sixty-four (64) bits in length.
CS# must be driven to the logic high state after the sixty-fourth (64th) bit of data has been latched. If not, the
PASSU command is not executed. As soon as CS# is driven to the logic high state, the self-timed PASSU
operation is initiated. While the PASSU operation is in progress, the Status Register may be read to check the
value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit is a 1 during the self-timed PASSU
cycle, and is a 0 when it is completed.
If the PASSU command supplied password does not match the hidden password in the Password Register,
an error is reported by setting the P_ERR bit to 1. The WIP bit of the Status Register also remains set to 1. It
is necessary to use the CLSR command to clear the Status Register, the RESET command to software reset
the device, or drive the RESET# input low to initiate a hardware reset, in order to return the P_ERR and WIP
bits to 0. This returns the device to standby state, ready for new commands such as a retry of the PASSU
command.
If the password does match, the PPB Lock bit is set to 1. The maximum clock frequency for the PASSU
command is 133 MHz.
Figure 10.71 Password Unlock Command Sequence
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Input Password Low Byte
Input Password High Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com