Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 129 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 129 Page - SPANSION

Back Button S25FS256S Datasheet HTML 125Page - SPANSION S25FS256S Datasheet HTML 126Page - SPANSION S25FS256S Datasheet HTML 127Page - SPANSION S25FS256S Datasheet HTML 128Page - SPANSION S25FS256S Datasheet HTML 129Page - SPANSION S25FS256S Datasheet HTML 130Page - SPANSION S25FS256S Datasheet HTML 131Page - SPANSION S25FS256S Datasheet HTML 132Page - SPANSION S25FS256S Datasheet HTML 133Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
129
Da ta
Shee t
(Prelim i nar y )
10.8.9
PPB Lock Bit Write (PLBWR A6h)
The PPB Lock Bit Write (PLBWR) command clears the PPB Lock Register to zero. Before the PLBWR
command can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by
the device, which sets the Write Enable Latch (WEL) in the Status Register to enable any write operations.
The PLBWR command is entered by driving CS# to the logic low state, followed by the instruction.
CS# must be driven to the logic high state after the eighth bit of instruction has been latched in. If not, the
PLBWR command is not executed. As soon as CS# is driven to the logic high state, the self-timed PLBWR
operation is initiated. While the PLBWR operation is in progress, the Status Register may still be read to
check the value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit is a 1 during the self-timed
PLBWR operation, and is a 0 when it is completed. When the PLBWR operation is completed, the Write
Enable Latch (WEL) is set to a 0. The maximum clock frequency for the PLBWR command is 133 MHz.
Figure 10.68 PPB Lock Bit Write Command Sequence
10.8.10
Password Read (PASSRD E7h)
The correct password value may be read only after it is programmed and before the Password mode has
been selected by programming the Password Protection mode bit to 0 in the ASP Register (ASP[2]). After the
Password Protection mode is selected the password is no longer readable, the PASSRD command will
output undefined data.
The PASSRD command is shifted into SI. Then the 64-bit Password is shifted out on the serial output SO,
least significant byte first, most significant bit of each byte first. Each bit is shifted out at the SCK frequency by
the falling edge of the SCK signal. It is possible to read the Password continuously by providing multiples of
64 clock cycles. The maximum operating clock frequency for the PASSRD command is 133 MHz.
Figure 10.69 Password Read Command Sequence
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
Instruction
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Data1
DataN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com