Electronic Components Datasheet Search
  English  ▼

X  

S25FS256S Datasheet(PDF) 123 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 123 Page - SPANSION

Back Button S25FS256S Datasheet HTML 119Page - SPANSION S25FS256S Datasheet HTML 120Page - SPANSION S25FS256S Datasheet HTML 121Page - SPANSION S25FS256S Datasheet HTML 122Page - SPANSION S25FS256S Datasheet HTML 123Page - SPANSION S25FS256S Datasheet HTML 124Page - SPANSION S25FS256S Datasheet HTML 125Page - SPANSION S25FS256S Datasheet HTML 126Page - SPANSION S25FS256S Datasheet HTML 127Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
123
Da ta
Shee t
(Prelim i nar y )
10.7
One-Time Program Array Commands
10.7.1
OTP Program (OTPP 42h)
The OTP Program command programs data in the One-Time Program region, which is in a different address
space from the main array data. The OTP region is 1024 bytes so, the address bits from A31 to A10 must be
0 for this command. Refer to OTP Address Space on page 58 for details on the OTP region.
Before the OTP Program command can be accepted by the device, a Write Enable (WREN) command must
be issued and decoded by the device, which sets the Write Enable Latch (WEL) in the Status Register to
enable any write operations. The WIP bit in SR1V may be checked to determine when the operation is
completed. The P_ERR bit in SR1V may be checked to determine if any error occurred during the operation.
To program the OTP array in bit granularity, the rest of the bits within a data byte can be set to 1.
Each region in the OTP memory space can be programmed one or more times, provided that the region is not
locked. Attempting to program 0s in a region that is locked will fail with the P_ERR bit in SR1V set to 1.
Programming ones, even in a protected area does not cause an error and does not set P_ERR. Subsequent
OTP programming can be performed only on the un-programmed bits (that is, 1 data).
The protocol of the OTP Program command is the same as the Page Program command. See Page Program
(PP 02h or 4PP 12h) on page 114 for the command sequence.
10.7.2
OTP Read (OTPR 4Bh)
The OTP Read command reads data from the OTP region. The OTP region is 1024 bytes so, the address bits
from A31 to A10 must be zero for this command. Refer to OTP Address Space on page 58 for details on the
OTP region. The protocol of the OTP Read command is similar to the Fast Read command except that it will
not wrap to the starting address after the OTP address is at its maximum; instead, the data beyond the
maximum OTP address will be undefined. The OTP Read command read latency is set by the latency value
in CR2V[3:0].
See Fast Read (FAST_READ 0Bh or 4FAST_READ 0Ch) on page 106 for the command sequence.
10.8
Advanced Sector Protection Commands
10.8.1
ASP Read (ASPRD 2Bh)
The ASP Read instruction 2Bh is shifted into SI by the rising edge of the SCK signal. Then the 16-bit ASP
register contents are shifted out on the serial output SO, least significant byte first. Each bit is shifted out at
the SCK frequency by the falling edge of the SCK signal. It is possible to read the ASP register continuously
by providing multiples of 16 clock cycles. The maximum operating clock frequency for the ASP Read
(ASPRD) command is 133 MHz.
Figure 10.58 ASPRD Command
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Output ASPR Low Byte
Output ASPR High Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com