Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 230 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 230 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 226Page - Advanced Micro Devices AMD-K6 Datasheet HTML 227Page - Advanced Micro Devices AMD-K6 Datasheet HTML 228Page - Advanced Micro Devices AMD-K6 Datasheet HTML 229Page - Advanced Micro Devices AMD-K6 Datasheet HTML 230Page - Advanced Micro Devices AMD-K6 Datasheet HTML 231Page - Advanced Micro Devices AMD-K6 Datasheet HTML 232Page - Advanced Micro Devices AMD-K6 Datasheet HTML 233Page - Advanced Micro Devices AMD-K6 Datasheet HTML 234Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 346 page
background image
212
Test and Debug
Chapter 11
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
SAMPLE/PRELOAD. The SAMPLE/PRELOAD instruction performs
two functions. These functions are as follows:
s
During the Capture-DR state, the processor loads the BSR
shift register with the current state of every input, output,
and bidirectional pin.
s
During the Update-DR state, the BSR output register is
loaded from the BSR shift register in preparation for the
next EXTEST instruction.
The SAMPLE/PRELOAD instruction does not affect the normal
operational state of the processor.
BYPASS. The BYPASS instruction selects the BR register, which
reduces the boundary-scan length through the processor from
281 to one (TDI to BR to TDO). The BYPASS instruction does
not affect the normal operational state of the processor.
IDCODE. The IDCODE instruction selects the DIR register,
allowing the device identification code to be shifted out of the
processor. This instruction is loaded into the IR when the TAP
controller is reset. The IDCODE instruction does not affect the
normal operational state of the processor.
HIGHZ. T h e HIG H Z ins t ruc t ion f o rc es al l out p ut and
bidirectional pins to be floated. During this instruction, the BR
is selected and the normal operational state of the processor is
not affected.
TAP Controller State
Machine
The TAP controller state diagram is shown in Figure 73 on page
213. State transitions occur on the rising edge of TCK. The
logic 0 or 1 next to the states represents the value of the TMS
signal sampled by the processor on the rising edge of TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com