Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 232 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 232 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 228Page - Advanced Micro Devices AMD-K6 Datasheet HTML 229Page - Advanced Micro Devices AMD-K6 Datasheet HTML 230Page - Advanced Micro Devices AMD-K6 Datasheet HTML 231Page - Advanced Micro Devices AMD-K6 Datasheet HTML 232Page - Advanced Micro Devices AMD-K6 Datasheet HTML 233Page - Advanced Micro Devices AMD-K6 Datasheet HTML 234Page - Advanced Micro Devices AMD-K6 Datasheet HTML 235Page - Advanced Micro Devices AMD-K6 Datasheet HTML 236Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 346 page
background image
214
Test and Debug
Chapter 11
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
The states of the TAP controller are described as follows:
Test-Logic-Reset. This state represents the initial reset state of the
TAP controller and is entered when the processor samples
RESET asserted, when TRST# is asynchronously asserted, and
when TMS is sampled High for five or more consecutive clocks.
In addition, this state can be entered from the Select-IR-Scan
state. The IR is initialized with the IDCODE instruction, and
the processor’s normal operation is not affected in this state.
Capture-DR. During the SAMPLE/PRELOAD instruction, the
processor loads the BSR shift register with the current state of
every input, output, and bidirectional pin. During the EXTEST
instruction, the processor loads the BSR shift register with the
current state of every input and bidirectional pin.
Capture-IR. When the TAP controller enters the Capture-IR
state, the processor loads 01b into the two least significant bits
of the IR shift register and loads 000b into the three most
significant bits of the IR shift register.
Shift-DR. While in the Shift-DR state, the selected TDR shift
register is serially shifted toward the TDO pin. During the
shift, the most significant bit of the TDR is loaded from the
TDI pin.
Shift-IR. While in the Shift-IR state, the IR shift register is
serially shifted toward the TDO pin. During the shift, the most
significant bit of the IR is loaded from the TDI pin.
Update-DR. During the SAMPLE/PRELOAD instruction, the BSR
output register is loaded with the contents of the BSR shift
register. During the EXTEST instruction, the output pins, as
well as those bidirectional pins defined as outputs, are driven
with their corresponding values from the BSR output register.
Update-IR. In this state, the IR output register is loaded from the
IR shift register, and the current instruction is defined by the
IR output register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com