Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 229 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 229 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 225Page - Advanced Micro Devices AMD-K6 Datasheet HTML 226Page - Advanced Micro Devices AMD-K6 Datasheet HTML 227Page - Advanced Micro Devices AMD-K6 Datasheet HTML 228Page - Advanced Micro Devices AMD-K6 Datasheet HTML 229Page - Advanced Micro Devices AMD-K6 Datasheet HTML 230Page - Advanced Micro Devices AMD-K6 Datasheet HTML 231Page - Advanced Micro Devices AMD-K6 Datasheet HTML 232Page - Advanced Micro Devices AMD-K6 Datasheet HTML 233Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 346 page
background image
Chapter 11
Test and Debug
211
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Bypass Register (BR). The BR is a Test Data Register consisting of
a 1-bit shift register that provides the shortest path between
TDI and TDO. When the processor is not involved in a test
operation, the BR can be selected by an instruction to allow the
transfer of test data through the processor without having to
serially scan the test data through the BSR. This functionality
preserves the state of the BSR and significantly reduces test
time.
The BR register is selected by the BYPASS and HIGHZ
instructions as well as by any instructions not supported by the
AMD-K6.
TAP Instructions
The processor supports the three instructions required by the
IEEE 1149.1 standard — EXTEST, SAMPLE/PRELOAD, and
BYPASS — as well as two additional optional instructions —
IDCODE and HIGHZ.
Table 40 shows the complete set of TAP instructions supported
by the processor along with the 5-bit Instruction Register
encoding and the register selected by each instruction.
EXTEST. When the EXTEST in struc tion is execut ed, the
processor loads the BSR shift register with the current state of
the input and bidirectional pins in the Capture-DR state and
drives the output and bidirectional pins with the corresponding
values from the BSR output register in the Update-DR state.
Table 40. Supported Tap Instructions
Instruction
Encoding
Register
Description
EXTEST1
00000b
BSR
Sample inputs and drive outputs
SAMPLE / PRELOAD
00001b
BSR
Sample inputs and outputs, then load the BSR
IDCODE
00010b
DIR
Read DIR
HIGHZ
00011b
BR
Float outputs and bidirectional pins
BYPASS2
00100b–11110b
BR
Undefined instruction, execute the BYPASS instruction
BYPASS3
11111b
BR
Connect TDI to TDO to bypass the BSR
Notes:
1. Following the execution of the EXTEST instruction, the processor must be reset in order to return to normal, non-test operation.
2. These instruction encodings are undefined on the AMD-K6 processor and default to the BYPASS instruction.
3. Because the TDI input contains an internal pullup, the BYPASS instruction is executed if the TDI input is not connected or open
during an instruction scan operation. The BYPASS instruction does not affect the normal operational state of the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com