Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 235 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 235 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 231Page - Advanced Micro Devices AMD-K6 Datasheet HTML 232Page - Advanced Micro Devices AMD-K6 Datasheet HTML 233Page - Advanced Micro Devices AMD-K6 Datasheet HTML 234Page - Advanced Micro Devices AMD-K6 Datasheet HTML 235Page - Advanced Micro Devices AMD-K6 Datasheet HTML 236Page - Advanced Micro Devices AMD-K6 Datasheet HTML 237Page - Advanced Micro Devices AMD-K6 Datasheet HTML 238Page - Advanced Micro Devices AMD-K6 Datasheet HTML 239Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 346 page
background image
Chapter 11
Test and Debug
217
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Figure 74. Debug Register DR7
Symbol
Description
Bit
GD
General Detect Enabled
13
GE
Global Exact Breakpoint Enabled
9
LE
Local Exact Breakpoint Enabled
8
G3
Global Exact Breakpoint # 3 Enabled
7
L3
Local Exact Breakpoint # 3 Enabled
6
G2
Global Exact Breakpoint # 2 Enabled
5
L2
Local Exact Breakpoint # 2 Enabled
4
G1
Global Exact Breakpoint # 1 Enabled
3
L1
Local Exact Breakpoint # 1 Enabled
2
G0
Global Exact Breakpoint # 0 Enabled
1
L0
Local Exact Breakpoint # 0 Enabled
0
987
6543
210
10
11
12
13
14
15
L
2
L
1
L
3
G
3
G
E
L
E
L
0
Reserved
G
0
G
1
L
2
G
D
25 24 23 22 21 20 19 18 17 16
26
27
28
29
30
31
R/W
3
LEN
3
R/W
2
LEN
2
R/W
1
LEN
1
R/W
0
LEN
0
Symbol
Description
Bits
LEN 3
Length of Breakpoint #3
31–30
R/W 3
Type of Transaction(s) to Trap 29–28
LEN 2
Length of Breakpoint #2
27–26
R/W 2
Type of Transaction(s) to Trap 25–24
LEN 1
Length of Breakpoint #1
23–22
R/W 1
Type of Transaction(s) to Trap 21–20
LEN 0
Length of Breakpoint #0
19–18
R/W 0
Type of Transaction(s) to Trap 17–16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com